Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1266 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1266
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1266 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1266 Datasheet HTML 1Page - Maxim Integrated Products MAX1266 Datasheet HTML 2Page - Maxim Integrated Products MAX1266 Datasheet HTML 3Page - Maxim Integrated Products MAX1266 Datasheet HTML 4Page - Maxim Integrated Products MAX1266 Datasheet HTML 5Page - Maxim Integrated Products MAX1266 Datasheet HTML 6Page - Maxim Integrated Products MAX1266 Datasheet HTML 7Page - Maxim Integrated Products MAX1266 Datasheet HTML 8Page - Maxim Integrated Products MAX1266 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
4
_______________________________________________________________________________________
tTR
10
40
ns
CLOAD = 20pF, Figure 1
RD Rise to Output Disable
WR to CLK Fall Setup Time
tCWS
60
ns
ns
CLK Pulse Width High
ns
CLK Period
tCH
40
RD Fall to Output Data Valid
tDO
10
50
ns
RD Fall to INT High Delay
tINT1
50
ns
CS Fall to Output Data Valid
tDO2
100
ns
CLOAD = 20pF, Figure 1
CLOAD = 20pF, Figure 1
CLOAD = 20pF, Figure 1
tCP
132
CLK Pulse Width Low
tCL
40
ns
Data Valid to WR Rise Time
tDS
40
ns
WR Rise to Data Valid Hold Time
tDH
0
ns
CLK Fall to WR Hold Time
tCWH
40
ns
CS to CLK or WR Setup Time
tCSWS
40
ns
CLK or WR to CS Hold Time
tCSWH
0
ns
CS Pulse Width
tCS
100
ns
WR Pulse Width
tWR
60
ns
tTC
10
60
ns
(Note 8)
CLOAD = 20pF, Figure 1
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
CS Rise to Output Disable
Note 1: Tested at VDD = +5V, COM = GND, unipolar single-ended input mode.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after offset and gain errors have
been removed.
Note 3: Offset nulled.
Note 4: On channel is grounded; sine wave applied to off channels.
Note 5: Conversion time is defined as the number of clock cycles times the clock period; clock has a 50% duty cycle.
Note 6: Input voltage range referenced to negative input. The absolute range for the analog inputs is from GND to VDD.
Note 7: External load should not change during conversion for specified accuracy.
Note 8: When bit 5 is set low for internal acquisition, WR must not return low until after the first falling clock edge of the conversion.
TIMING CHARACTERISTICS
(VDD = +5V ±10%, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 7.6MHz (50% duty cycle),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
3k
3k
DOUT
DOUT
VDD
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
CLOAD
20pF
CLOAD
20pF
Figure 1. Load Circuits for Enable/Disable Times


Similar Part No. - MAX1266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com