Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q6010N4 Datasheet(PDF) 9 Page - Littelfuse

Part # Q6010N4
Description  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6010N4 Datasheet(HTML) 9 Page - Littelfuse

Back Button Q6010N4 Datasheet HTML 2Page - Littelfuse Q6010N4 Datasheet HTML 3Page - Littelfuse Q6010N4 Datasheet HTML 4Page - Littelfuse Q6010N4 Datasheet HTML 5Page - Littelfuse Q6010N4 Datasheet HTML 6Page - Littelfuse Q6010N4 Datasheet HTML 7Page - Littelfuse Q6010N4 Datasheet HTML 8Page - Littelfuse Q6010N4 Datasheet HTML 9Page - Littelfuse Q6010N4 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 9
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E2.13 Peak Surge Current versus Surge Current Duration
Figure E2.14 Normalized DC Holding Current versus Case Temperature
Figure E2.15 Turn-on Time versus Gate Trigger Current (Typical)
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT [lT(RMS)]: Maximum
Rated Value at Specified Case Temperature
NOTES: 1) Gate control may be lost during and
immediately following surge current interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
25 A TO-220
15 A
10 A
8 A
4 A
1 A
6 A
1
10
20
30
40
50
60
80
100
120
300
400
1000
1
10
100
1000
Surge Current Duration – Full Cycles
200
0.8 A
25 A Fastpak
35 A Fastpak
-65
-40
-15
+25
+65
+125
1.0
2.0
3.0
4.0
Case Temperature (T
C) – ˚C
INITIAL ON-STATE CURRENT
= 200 mA DC 0.8 A - 10 A Devices
= 400 mA DC 15 A - 25 A Devices
0
0
25
50
75
100
125
150
175
200
225
250
275
300
1
2
3
4
5
6
7
8
DC Gate Trigger Current (l
GT) – mA
Devices with lGT = 10 mA
Devices with lGT = 25 mA
Devices with lGT = 50 mA
T
C = 25 ˚C


Similar Part No. - Q6010N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q6010NH5 LITTELFUSE-Q6010NH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q6010NH5 ETC2-Q6010NH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

Similar Description - Q6010N4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com