Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V33ZA5P Datasheet(PDF) 5 Page - Littelfuse

Part # V33ZA5P
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V33ZA5P Datasheet(HTML) 5 Page - Littelfuse

  V33ZA5P Datasheet HTML 1Page - Littelfuse V33ZA5P Datasheet HTML 2Page - Littelfuse V33ZA5P Datasheet HTML 3Page - Littelfuse V33ZA5P Datasheet HTML 4Page - Littelfuse V33ZA5P Datasheet HTML 5Page - Littelfuse V33ZA5P Datasheet HTML 6Page - Littelfuse V33ZA5P Datasheet HTML 7Page - Littelfuse V33ZA5P Datasheet HTML 8Page - Littelfuse V33ZA5P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
71
www .littelfuse .com
2
Varistor Products
Low to Medum Voltage, Radial Lead
ZA Varistor Series
Power Dissipation Ratings
Should transients occur in rapid succession, the average power dissipation
required is simply the energy (watt-seconds) per pulse times the number
of pulses per second. The power so developed must be within the
specifications shown on the Device Ratings and Specifications table for
the specific device. Furthermore, the operating values need to be derated
at high temperatures as shown in Figure 1. Because varistors can only
dissipate a relatively small amount of average power they are, therefore,
not suitable for repetitive applications that involve substantial amounts of
average power dissipation.
FIGURE 1. CURRENT, ENERGY AND POWER DERATING
CURVE
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100
110
120
130
140
150
AMBIENT TEMPERATURE ( oC)
FIGURE 2. PEAK PULSE CURRENT TEST WAVEFORM
100
90
50
10
O1
T
T1
T2
TIME
O1 = Virtual Origin of Wave
T = Time From 10% to 90% of Peak
T1 = Virtual Front time = 1.25 • t
T2 = Virtual Time to Half Value (Impulse Duration)
Example: For an 8/20
µs Current Waveform:
8
µs = T1 = Virtual Front Time
20
µs = T2 = Virtual Time to Half Value
FIGURE 3. CLAMPING VOLTAGE FOR V8ZA05(P) - V68ZA05(P)
600
500
400
300
200
100
90
80
70
60
50
40
30
20
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
MAX CLAMPINGVOLTAGE
MODEL SIZE 5mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
10
V68ZA05(P)
V56ZA05(P)
V47ZA05(P)
V39ZA05(P)
V33ZA05(P)
V27ZA05(P)
V22ZA05(P)
V18ZA05(P)
V12ZA05(P)
V8ZA05(P)
10-3
FIGURE 4. CLAMPINGVOLTAGE FOR V82ZA05(P) - V33ZA05(P)
2000
1000
500
200
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
100
0.001
0.0001
V100ZA05(P)
V82ZA05(P)
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
82 TO 330VN(DC) RATING
TA = -55
oC TO 85oC
V330ZA05(P)
V270ZA05(P)
V240ZA05(P)
V220ZA05(P)
V205ZA05(P)
V180ZA05(P)
V150ZA05(P)
V120ZA05(P)
Transient V-I Characteristics Curves
Pb
RoHS


Similar Part No. - V33ZA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZA5P LITTELFUSE-V33ZA5P Datasheet
825Kb / 13P
   Radial Lead Varistors
V33ZA5P LITTELFUSE-V33ZA5P Datasheet
1Mb / 14P
   ZA Varistor Series
V33ZA5P LITTELFUSE-V33ZA5P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V33ZA5P LITTELFUSE-V33ZA5P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V33ZA5P LITTELFUSE-V33ZA5P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V33ZA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com