Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4035J Datasheet(PDF) 11 Page - Littelfuse

Part # S4035J
Description  SCRs (1 A to 70 A)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4035J Datasheet(HTML) 11 Page - Littelfuse

Back Button S4035J Datasheet HTML 4Page - Littelfuse S4035J Datasheet HTML 5Page - Littelfuse S4035J Datasheet HTML 6Page - Littelfuse S4035J Datasheet HTML 7Page - Littelfuse S4035J Datasheet HTML 8Page - Littelfuse S4035J Datasheet HTML 9Page - Littelfuse S4035J Datasheet HTML 10Page - Littelfuse S4035J Datasheet HTML 11Page - Littelfuse S4035J Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheets
SCRs
©2004 Littelfuse, Inc.
E6 - 11
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Figure E6.23 Peak Surge Current versus Surge Current Duration
Figure E6.24 Power Dissipation (Typical) versus RMS On-state Current
(1 A)
Figure E6.25 Power Dissipation (Typical) versus RMS On-state Current
(6 A through 20 A)
8
1
2
3
4
5
6
1000
10
20
30
40
50
60
80
100
200
300
400
500
600
800
12
3
5
4
6 7 8 10
20
30 40 60 80100
200 300400 600
1000
Surge Current Duration – Full Cycles
70 A Devices
65 A TO-218
55 A Devices
25 A Devices
35 A Devices
20 A Devices
16 A Devices
15 A Devices
12 A Devices
10 A Devices
1 A De
vices
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: [IT(RMS)]: Max-
Rated Value at Specified Case Temperature
Notes:
1) Gate control may be lost during and
immediately following surge current
interval.
2) Overload may not be repeated until
junction temperature has returned to
steady-state rated value.
8 A Devices
6 A Devices
40 A Devices
0
0.2
0.4
0.6
0.8
0
0.4
0.8
1.0
0.2
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
1.0 A Devices
1.0
0.6
04
8
12
16
0
RMS On-state Current [I
T(RMS)] – Amps
CURRENT WAVEFORM: Half Sine Wave
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 180˚
2
6
10
14
18
2
4
6
8
10
12
14
16
18
20
15 A to 20 A Devices
12 A Devices
6 A to 10 A Devices


Similar Part No. - S4035J

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4035J TECCOR-S4035J Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S4035J TECCOR-S4035J Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4035J LITTELFUSE-S4035J Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
New Jersey Semi-Conduct...
S4035J NJSEMI-S4035J Datasheet
1Mb / 2P
   Electrical Specifications
More results

Similar Description - S4035J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
Teccor Electronics
S031E TECCOR-S031E Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
   SCRs .5 A, Planar
logo
STMicroelectronics
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
   Standard 25 A SCRs
August 2014 Rev 9
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
   16 A standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
   Standard 25 A SCRs
logo
STMicroelectronics
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com