Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1268AEEG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1268AEEG
Description  420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1268AEEG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1268AEEG Datasheet HTML 4Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 5Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 6Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 7Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 8Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 9Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 10Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 11Page - Maxim Integrated Products MAX1268AEEG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
420ksps, +5V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX1268
REF
21
25
MAX1266
NAME
Bandgap Reference Buffer Output/External Reference Input. Add a 4.7µF capacitor
to GND when using the internal reference.
FUNCTION
26
22
VDD
Analog +5V Power Supply. Bypass with a 0.1µF capacitor to GND.
27
23
D11
Tri-State Digital Output (D11)
28
24
D10
Tri-State Digital Output (D10)
_______________Detailed Description
Converter Operation
The MAX1266/MAX1268 ADCs use a successive-approx-
imation (SAR) conversion technique and an input
track/hold (T/H) stage to convert an analog input signal to
a 12-bit digital output. This output format provides easy
interface to standard microprocessors (µPs). Figure 2
shows the simplified internal architecture of the MAX1266/
MAX1268.
T/H
TRI-STATE, BIDIRECTIONAL
I/O INTERFACE
12
17k
12
SUCCESSIVE-
APPROXIMATION
REGISTER
CHARGE REDISTRIBUTION
12-BIT DAC
CLOCK
ANALOG
INPUT
MULTIPLEXER
CONTROL LOGIC
AND
LATCHES
REF
REFADJ
1.22V
REFERENCE
D0–D11
12-BIT DATA BUS
(CH5)
(CH4)
(CH3)
(CH2)
CH1
CH0
COM
CLK
CS
( ) ARE FOR MAX1266 ONLY.
WR
RD
INT
VDD
GND
MAX1266
MAX1268
AV =
2.05
COMP
Figure 2. Simplified Functional Diagram


Similar Part No. - MAX1268AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1268AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX1262 MAXIM-MAX1262 Datasheet
386Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-2720; Rev 0; 04/03
MAX1064 MAXIM-MAX1064 Datasheet
488Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1090 MAXIM-MAX1090 Datasheet
404Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
19-1640; Rev 0; 1/00
MAX1090 MAXIM-MAX1090_V01 Datasheet
490Kb / 20P
   400ksps, 5V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com