Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1207 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF1207
Description  Dual N-channel dual gate MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1207 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF1207 Datasheet HTML 2Page - NXP Semiconductors BF1207 Datasheet HTML 3Page - NXP Semiconductors BF1207 Datasheet HTML 4Page - NXP Semiconductors BF1207 Datasheet HTML 5Page - NXP Semiconductors BF1207 Datasheet HTML 6Page - NXP Semiconductors BF1207 Datasheet HTML 7Page - NXP Semiconductors BF1207 Datasheet HTML 8Page - NXP Semiconductors BF1207 Datasheet HTML 9Page - NXP Semiconductors BF1207 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
9397 750 14955
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 28 July 2005
6 of 22
Philips Semiconductors
BF1207
Dual N-channel dual gate MOSFET
8.
Dynamic characteristics
8.1 Dynamic characteristics for amplifier A
[1]
For the MOSFET not in use: VG1-S(B) = 0 V; VDS(B) =0V.
[2]
Measured in Figure 29 test circuit.
Table 8:
Dynamic characteristics for amplifier A
Common source; Tamb =25 °C; VG2-S =4V; VDS =5V; ID = 18 mA. [1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
yfs
forward transfer admittance
Tj =25 °C25
30
40
mS
Ciss(G1)
input capacitance at gate1
f = 100 MHz
-
2.2
2.7
pF
Ciss(G2)
input capacitance at gate2
f = 1 MHz
-
3.5
-
pF
Coss
output capacitance
f = 100 MHz
-
0.9
-
pF
Crss
reverse transfer capacitance
f = 100 MHz
-
20
-
fF
Gtr
power gain
BS =BS(opt); BL =BL(opt)
f = 200 MHz; GS = 2 mS; GL = 0.5 mS
30
34
38
dB
f = 400 MHz; GS = 2 mS; GL =1mS
26
30
34
dB
f = 800 MHz; GS = 3.3 mS; GL = 1 mS
21
25
29
dB
NF
noise figure
f = 11 MHz; GS = 20 mS; BS = 0 S
-
3.0
-
dB
f = 400 MHz; YS =YS(opt)
-
1.3
-
dB
f = 800 MHz; YS =YS(opt)
-
1.4
-
dB
Xmod
cross-modulation
input level for k = 1 %; fw = 50 MHz;
funw =60MHz
[2]
at 0 dB AGC
90
-
-
dB
µV
at 10 dB AGC
-
90
-
dB
µV
at 20 dB AGC
-
99
-
dB
µV
at 40 dB AGC
100
105
-
dB
µV


Similar Part No. - BF1207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1207 NXP-BF1207 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF1207 JMNIC-BF1207_15 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results

Similar Description - BF1207

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1214 NXP-BF1214 Datasheet
211Kb / 18P
   Dual N-channel dual gate MOSFET
Rev. 01-30 October 2007
BF1208D PHILIPS-BF1208D Datasheet
253Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
BF1210 PHILIPS-BF1210 Datasheet
252Kb / 21P
   Dual N-channel dual gate MOSFET
Rev. 01-25 October 2006
BF1208D NXP-BF1208D Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 May 2007
logo
Quanzhou Jinmei Electro...
BF1208D JMNIC-BF1208D_15 Datasheet
262Kb / 22P
   Dual N-channel dual gate MOSFET
BF1214 JMNIC-BF1214_15 Datasheet
218Kb / 18P
   Dual N-channel dual gate MOSFET
logo
NXP Semiconductors
BF1208 PHILIPS-BF1208 Datasheet
167Kb / 22P
   Dual N-channel dual gate MOSFET
Rev. 01-16 March 2005
logo
Quanzhou Jinmei Electro...
BF1208_2015 JMNIC-BF1208_2015 Datasheet
175Kb / 22P
   Dual N-channel dual gate MOSFET
BF1206F JMNIC-BF1206F_15 Datasheet
213Kb / 17P
   Dual N-channel dual gate MOSFET
BF1210 JMNIC-BF1210_15 Datasheet
260Kb / 21P
   Dual N-channel dual gate MOSFET
BF1207_2015 JMNIC-BF1207_2015 Datasheet
168Kb / 22P
   Dual N-channel dual gate MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com