Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G50DFT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHC1G50DFT1
Description  Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G50DFT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHC1G50DFT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G50DFT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74VHC1G50
http://onsemi.com
2
MAXIMUM RATINGS*
Characteristics
Symbol
Value
Unit
DC Supply Voltage
VCC
–0.5 to +7.0
V
DC Input Voltage
VIN
–0.5 to +7.0
V
DC Output Voltage
VCC = 0
High or Low State
VOUT
–0.5 to 7.0
–0.5 to VCC + 0.5
V
Input Diode Current
IIK
–20
mA
Output Diode Current
(VOUT < GND; VOUT > VCC)
IOK
+20
mA
DC Output Current, per Pin
IOUT
+25
mA
DC Supply Current, VCC and GND
ICC
+50
mA
Power dissipation in still air, SC–88A †
PD
200
mW
Lead temperature, 1 mm from case for 10 s
TL
260
°C
Storage temperature
Tstg
–65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied. Functional
operation should be restricted to the Recommended Operating Conditions.
†Derating — SC–88A Package: –3 mW/
_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
2.0
5.5
V
DC Input Voltage
VIN
0.0
5.5
V
DC Output Voltage
VOUT
0.0
VCC
V
Operating Temperature Range
TA
–55
+85
°C
Input Rise and Fall Time
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
tr , tf
0
0
100
20
ns/V


Similar Part No. - MC74VHC1G50DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DFT1 ONSEMI-MC74VHC1G50DFT1 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT1 ONSEMI-MC74VHC1G50DFT1 Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT1 ONSEMI-MC74VHC1G50DFT1 Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT1 ONSEMI-MC74VHC1G50DFT1 Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results

Similar Description - MC74VHC1G50DFT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
PHOENIX CONTACT
2908283 PHOENIX-2908283 Datasheet
83Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/40
2907913 PHOENIX-2907913 Datasheet
82Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com