Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS6051 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FS6051
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6051 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FS6051 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6051 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
XT
April 1999
4.5.99
11
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 10: AC Timing Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
CLOCK
(MHz)
MIN.
TYP.
MAX.
UNITS
Overall
66.67
182
Clock Skew, Maximum;
SDRAM_0 to any SDRAM pin *
tskw
Measured on the rising edge at 1.5V;
CL = 20pF
100
228
ps
66.67
3.7
tPLH(min)
Measured on the rising edge at 1.5V;
CL = 20pF
100
3.8
66.67
3.7
tPLH(max)
Measured on the rising edge at 1.5V;
CL = 30pF
100
4.0
66.67
3.9
tPHL(min)
Measured on the rising edge at 1.5V;
CL = 20pF
100
3.8
66.67
4.2
Propagation Delay, Average;
CLK_IN to any SDRAM pin *
tPHL(max)
Measured on the rising edge at 1.5V;
CL = 30pF
100
4.0
ns
Clock Outputs (SDRAM_0:17 3.3V Type 4 Clock Buffer)
66.67
1.0
tr(min)
VO = 0.4V to 2.4V; CL = 20pF
100
0.9
66.67
1.2
Rise Time *
tr(max)
VO = 0.4V to 2.4V; CL = 30pF
100
1.0
ns
66.67
1.0
tf(min)
VO = 2.4V to 0.4V; CL = 20pF
100
0.7
66.67
1.1
Fall Time *
tf(max)
VO = 2.4V to 0.4V; CL = 30pF
100
0.8
ns
66.67
6.5
tKH(min)
VO = 2.4V; CL = 20pF
100
3.8
66.67
6.5
Clock High Time *
tKH(max)
VO = 2.4V; CL = 30pF
100
3.8
ns
66.67
6.5
tKL(min)
VO = 0.4V; CL = 20pF
100
4.6
66.67
6.3
Clock Low Time *
tKL(max)
VO = 0.4V; CL = 30pF
100
4.5
ns
66.67
49
From rising edge to rising edge at
1.5V; CL = 20pF
100
45
66.67
50
Duty Cycle *
From rising edge to rising edge at
1.5V; CL = 30pF
100
46
%
tPZL
4.7
Tristate Enable Delay *
tPZH
Output tristated to output active; CL = 20pF
4.6
ns
tPLZ
6.3
Tristate Disable Delay *
tPHZ
Output active to output tristated; CL = 20pF
7.9
ns


Similar Part No. - FS6051

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
FS60 XPPOWER-FS60 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Infineon Technologies A...
FS600R07A2E3 INFINEON-FS600R07A2E3 Datasheet
833Kb / 10P
   HybridPACK?? Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und NTC
2014-10-30 revision:3.2
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
XP Power Limited
FS60P/FS60N XPPOWER-FS60P/FS60N Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - FS6051

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
ON Semiconductor
NB3N551 ONSEMI-NB3N551_12 Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
SB3N551 ONSEMI-SB3N551 Datasheet
81Kb / 6P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
January, 2015 ??Rev. 0
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
   LOW SKEW 1-TO-16 FANOUT BUFFER
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
   Low Skew 1-to-16 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com