Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V100ZA3 Datasheet(PDF) 4 Page - Harris Corporation

Part # V100ZA3
Description  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

V100ZA3 Datasheet(HTML) 4 Page - Harris Corporation

  V100ZA3 Datasheet HTML 1Page - Harris Corporation V100ZA3 Datasheet HTML 2Page - Harris Corporation V100ZA3 Datasheet HTML 3Page - Harris Corporation V100ZA3 Datasheet HTML 4Page - Harris Corporation V100ZA3 Datasheet HTML 5Page - Harris Corporation V100ZA3 Datasheet HTML 6Page - Harris Corporation V100ZA3 Datasheet HTML 7Page - Harris Corporation V100ZA3 Datasheet HTML 8Page - Harris Corporation V100ZA3 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4-37
V120ZA05
5
Z120
75
102
3
400
108
138
205
5
140
V120ZA1
7
120Z
75
102
6
1200
108
132
205
10
300
V120ZA4
10
120Z4
75
102
12
2500
108
132
200
25
750
V120ZA6
14
120Z6
75
102
22
4500
108
132
210
50
1700
V120ZA20
20
120Z20
75
102
33
6500
108
132
210
100
1500
V150ZA05
5
Z150
92
127
4
400
135
173
250
5
120
V150ZA1
7
Z051
95
127
8
1200
135
165
250
10
250
V150ZA4
10
150Z4
95
127
15
2500
135
165
250
25
600
V150ZA8
14
150Z8
95
127
20
4500
135
165
250
50
1400
V150ZA20
20
150Z20
95
127
45
6500
135
165
250
100
1000
V180ZA05
5
Z180
110
153
5
400
162
207
295
5
100
V180ZA1
7
180Z
115
153
10
1200
162
198
300
10
200
V180ZA5
10
180Z5
115
153
18
2500
162
198
300
25
500
V180ZA10
14
180Z10
115
153
35
4500
162
198
300
50
1100
V180ZA20
20
180Z20
115
153
52
6500
162
198
300
100
2400
V205ZA05
5
Z205
130
170
5.5
400
184
226
340
5
100
V220ZA05
5
Z220
140
180
6
400
198
253
360
5
90
V240ZA05
5
Z240
150
200
7
400
216
264
395
5
80
V270ZA05
5
Z270
175
225
7.5
400
243
311
455
5
70
V330ZA05
5
Z330
210
275
9
400
297
380
540
5
60
V360ZA05
5
Z360
230
300
9.5
400
324
396
595
5
55
V390ZA05
5
Z390
250
330
10
400
351
449
650
5
50
V430ZA05
5
Z430
275
369
11
400
387
495
710
5
45
V470ZA05
5
Z470
300
385
12
400
420
517
775
5
35
V620ZA05
5
Z620
385
505
13
400
558
682
1025
5
33
V680ZA05
5
Z680
420
560
14
400
610
748
1120
5
32
V715ZA05
5
Z715
440
585
15.5
400
643
787
1180
5
31
V750ZA05
5
Z750
460
615
17
400
675
825
1240
5
30
NOTES:
1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for model sizes 5mm, 7mm, 10mm, 14mm and 20mm,
respectively.
2. Energy rating for impulse duration of 30ms minimum to one half of peak current (auto load dump).
3. 10mA DC test current.
4. Also rated to withstand 24V for 5 minutes.
5. Higher voltages available, contact Littelfuse.
Also listed to UL1449, Second Edition, “Transient Voltage Surge Suppressors” File #E75961.
Device Ratings and Specifications (Note 1) (Continued)
VDE Certified. License Number 116895E
ZA Series Varistors are listed under UL File No. E135010 as a UL recognized component.
PART
NUMBER
MODEL
SIZE
DISC
DIA. (mm)
BRAND
MAXIMUM RATING (85oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY 10
x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
ZA Series


Similar Part No. - V100ZA3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V100ZA3 LITTELFUSE-V100ZA3 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V100ZA3P LITTELFUSE-V100ZA3P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V100ZA3P LITTELFUSE-V100ZA3P Datasheet
825Kb / 13P
   Radial Lead Varistors
V100ZA3P LITTELFUSE-V100ZA3P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA3P LITTELFUSE-V100ZA3P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

Similar Description - V100ZA3

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com