Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ220CA Datasheet(PDF) 2 Page - Littelfuse

Part # SMAJ220CA
Description  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMAJ220CA Datasheet(HTML) 2 Page - Littelfuse

  SMAJ220CA Datasheet HTML 1Page - Littelfuse SMAJ220CA Datasheet HTML 2Page - Littelfuse SMAJ220CA Datasheet HTML 3Page - Littelfuse SMAJ220CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Littelfuse Circuit Prot
Solutions Portf
OVERVOLTAGE SUPPRESSION TECHNOLOGIES (1-6)
2
4. Gas Plasma Arrestors
(GDTs) —Available in small
footprint leaded and surface
mount configurations,
Littelfuse GDTs respond
fast to transient overvoltage
events, reducing the risk of
equipment damage.
5. Silicon Protection
Arrays — Designed specifically
to protect analog and digital
signal lines from electrostatic
discharge (ESD) and other
overvoltage transients.
6. PulseGuard® ESD
Suppressors —Available in
various surface mount form
factors to protect high-speed
digital lines without causing
signal distortion.
1.TVS Diodes — Suppress
overvoltage transients such
as Electrical Fast Transients
(EFT), inductive load switching
and lightning in a wide
variety of applications in the
computer, industrial, telecom
and automotive markets.
2.Varistors—Multiple forms,
from Metal Oxide Varistors
(MOVs) that suppress transient
voltages to Multi-Layer Varistors
(MLVs) designed for applications
requiring protection from
various transients in computers
and handheld devices as well
as industrial and automotive
applications.
3. SIDACtor® Devices—
Complete line of protection
thyristor products specifically
designed to suppress
overvoltage transients in a
broad range of telecom and
datacom applications.
Live Application Design and Technical Support—Tap into our expertise. Littelfuse engi-
neers are available around the world to help you address design challenges and develop
unique, customized solutions for your products.
Product Sampling Programs—Most of our products are available as samples for testing and
verification within your circuit design. Visit Littelfuse.com or contact a Littelfuse product
representative for additional information.
Product Evaluation Labs and Services—Littelfuse global labs are the hub of our new
product development initiatives, and also provide design and compliance support testing
as an added-value to our customers.
DESIGN SUPPORT
Consumer Electronics Telecom White Goods Medical Equipment TVSS and Power S
Visit


Similar Part No. - SMAJ220CA

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
SMAJ220CA SAMYANG-SMAJ220CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
SMAJ220CA MDE-SMAJ220CA Datasheet
111Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SMAJ220CA SPSEMI-SMAJ220CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Zibo Seno Electronic En...
SMAJ220CA ZSELEC-SMAJ220CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
SMAJ220CA LEIDITECH-SMAJ220CA Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
More results

Similar Description - SMAJ220CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com