Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V250LA40BP Datasheet(PDF) 1 Page - Littelfuse

Part # V250LA40BP
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V250LA40BP Datasheet(HTML) 1 Page - Littelfuse

  V250LA40BP Datasheet HTML 1Page - Littelfuse V250LA40BP Datasheet HTML 2Page - Littelfuse V250LA40BP Datasheet HTML 3Page - Littelfuse V250LA40BP Datasheet HTML 4Page - Littelfuse V250LA40BP Datasheet HTML 5Page - Littelfuse V250LA40BP Datasheet HTML 6Page - Littelfuse V250LA40BP Datasheet HTML 7Page - Littelfuse V250LA40BP Datasheet HTML 8Page - Littelfuse V250LA40BP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
56
www .littelfuse .com
Varistor Products
LA Varistor Series
Line Voltage Operation, Radial Lead
The LA Series of transient voltage surge suppressors are radial-lead
varistors (MOVs) that are designed to be operated continuously across
AC power lines. These UL recognized varistors require very little
mounting space, and are offered in various standard lead form options.
The LA Series varistors are available in four model sizes: 7mm, 10mm,
14mm and 20mm; and have a VM(AC)RMS voltage range from 130V
to 1000V, and an energy absorption capability up to 360J. Some LA
series model numbers are available with clamping voltage selections,
designated by a model number suffix of either A or B. The “A” selection is
the standard model; the “B” selection provides a lower clamping voltage.
See LA Series Device Ratings and Specifications table for part number
and brand information.
Features
• Lead-free and RoHS compliant option available. Please see the
device and ratings specifications table for more information.
• Energy Absorption Capability (WTM) .... ................Up to 360J
• Wide Operating Voltage Range
VM(AC)RMS ..................................... 130V to 1000V
• No Derating Up to 85oC Ambient
• Available in Tape and Reel or Bulk Pack
AGENCY APPROVALS: Standard and Lead-free parts recognized under
the components program of Underwriters Laboratories. Certified by CSA,
VDE and CECC.
AGENCY FILE NUMBERS: UL E75961, E56529 (Lead-free pending),
E135010 (Lead-free pending); CSA LR91788; VDE 116895E; CECC
42201-006.
ALSO SEE LITTELFUSE ULTRAMOV
AND C-III VARISTOR SERIES
®
®
V
DE
Pb
RoHS
NEW LEAD-FREE AND
RoHS COMPLIANT PARTS
AVAILABLE


Similar Part No. - V250LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V250LA40BP LITTELFUSE-V250LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V250LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com