Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE180C Datasheet(PDF) 2 Page - Littelfuse

Part # P6KE180C
Description  Silicon Avalanche Diodes - Silicon Avalanche Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6KE180C Datasheet(HTML) 2 Page - Littelfuse

  P6KE180C Datasheet HTML 1Page - Littelfuse P6KE180C Datasheet HTML 2Page - Littelfuse P6KE180C Datasheet HTML 3Page - Littelfuse P6KE180C Datasheet HTML 4Page - Littelfuse P6KE180C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicon Avalanche Diodes
286
www .littelfuse .com
Device Stand-off Voltage - Volts
1
10
100
1000
10000
1000
Cj (pf)
100
10
Pulse Time (tp)
1
µs10µs
100
µs
1ms
10ms
100w
500w
Pp
(kw)
2kw
5kw
20kw
100kw
Figure 1 - Capacitance vs. Stand-off Voltage
Figure 2 - Peak Pulse Power vs. Pulse Time
600 Watt Axial Transient Voltage Suppressors
P6KE Series
®


Similar Part No. - P6KE180C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE180C PANJIT-P6KE180C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
New Jersey Semi-Conduct...
P6KE180C NJSEMI-P6KE180C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6KE180C YFWDIODE-P6KE180C Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Surge Components
P6KE180C SURGE-P6KE180C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
SUNMATE electronic Co.,...
P6KE180C SUNMATE-P6KE180C Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Similar Description - P6KE180C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com