Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE180CA Datasheet(PDF) 1 Page - Littelfuse

Part # P6KE180CA
Description  Silicon Avalanche Diodes - Silicon Avalanche Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P6KE180CA Datasheet(HTML) 1 Page - Littelfuse

  P6KE180CA Datasheet HTML 1Page - Littelfuse P6KE180CA Datasheet HTML 2Page - Littelfuse P6KE180CA Datasheet HTML 3Page - Littelfuse P6KE180CA Datasheet HTML 4Page - Littelfuse P6KE180CA Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
285
www .littelfuse .com
6
Silicon Avalanche Diodes
600 Watt Axial Transient Voltage Suppressors
Protect sensitive electronics against voltage transients induced by
inductive load switching and lightning. Ideal for the protection
of I/O interfaces, Vcc bus, and other integrated circuits.
FEATURES
Breakdown voltage range 6.8 to 440 Volts
Uni-directional and Bi-directional
Glass passivated junction
Excellent clamping capability
100% surge tested
UL recognised
MAXIMUM RATING
Peak Pulse Power (Ppk): 600 Watts (10 x 1000µs)@25°C
(see diagram on page 3 for wave form)
1.5 watt steady state
Response time: 1 x 10-12 seconds (theoretical)
Forward surge rating: 100 Amps, 8.3ms half sine wave, (uni-
directional devices only)
Operating & storage temperature: -55°C to +150°C
MECHANICAL CHARACTERISTICS
Case: DO-15, Molded plastic over glass passivated junction
Terminals: Axial leads, solderable per MIL-STD-202”
Method 208
Solderable leads = 230°C for 10 seconds (1.59mm from case)
Marking: cathode band, (positive terminal, uni-directional
devices only),
device code, logo
Weight: 1.2 grammes (approx)
Agency Approvals: Recognized under the Components
Program of Underwriters Laboratories.
Agnecy File Number: E128662
0.76
0.86
3.05
3.25
Min 25.4
6.10
6.47
Min 25.4
P6KE
C A
Voltage
Bi-Directional
5% Voltage Tolerance
Packaging Option
B = Bulk (1000 pcs)
T = Tape and reeled (5000 pcs)
ORDERING INFORMATION
P6KE Series
All dimensions in mm
®


Similar Part No. - P6KE180CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE180CA PANJIT-P6KE180CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE180CA SUNMATE-P6KE180CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Won-Top Electronics
P6KE180CA WTE-P6KE180CA Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
P6KE180CA SIPOWER-P6KE180CA Datasheet
1Mb / 4P
   Transient Voltage Suppressor
logo
Ruilongyuan Electronics...
P6KE180CA RUILON-P6KE180CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE180CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com