Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11257-803 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 11257-803
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

11257-803 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  11257-803 Datasheet HTML 1Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 2Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 3Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 4Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 5Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 6Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 7Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 8Page - List of Unclassifed Manufacturers 11257-803 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XT
April 1999
4.5.99
5
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
4.0
Dual Serial Interface Control
This integrated circuit is a read/write slave device that
supports both the Inter IC Bus (I
2C-bus) and the System
Management Bus (SMBus) two-wire serial interface pro-
tocols. The unique device address that is written to the
device determines whether the part expects to receive
SMBus commands or I
2C commands. Since SMBus is
derived from the I
2C-bus, the protocol for both bus types
is very similar.
In general, the bus has to be controlled by a master de-
vice that generates the serial clock SCL, controls bus
access, and generates the START and STOP conditions
while the device works as a slave. Both master and slave
can operate as a transmitter or receiver, but the master
device determines which mode is activated. A device that
sends data onto the bus is defined as the transmitter, and
a device receiving data as the receiver.
Bus logic levels and timing parameters noted herein fol-
low I
2C-bus convention. Logic levels are based on a per-
centage of VDD. A logic-one corresponds to a nominal
voltage of VDD, while a logic-zero corresponds to ground
(VSS).
4.1
Bus Conditions
Data transfer on the bus can only be initiated when the
bus is not busy. During the data transfer, the data line
(SDA) must remain stable whenever the clock line (SCL)
is high. Changes in the data line when the clock line is
high is interpreted by the device as a START or STOP
condition. Both I
2C-bus and SMBus protocols define the
following conditions on the bus. Refer to Figure 12: Bus
Timing Data for more information.
4.1.1
Not Busy
Both the data (SDA) and clock (SCL) lines remain high to
indicate the bus is not busy.
4.1.2
START Data Transfer
A high to low transition of the SDA line while the SCL in-
put is high indicates a START condition. All commands to
the device must be preceded by a START condition.
4.1.3
STOP Data Transfer
A low to high transition of the SDA line while SCL is held
high indicates a STOP condition. All commands to the
device must be followed by a STOP condition.
4.1.4
Data Valid
The state of the SDA line represents valid data if the SDA
line is stable for the duration of the high period of the SCL
line after a START condition occurs. The data on the
SDA line must be changed only during the low period of
the SCL signal. There is one clock pulse per data bit.
Each data transfer is initiated by a START condition and
terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions
is determined by the master device, and can continue
indefinitely. However, data that is overwritten to the de-
vice after the data registers are filled will overflow from
the last register into the first register, then the second,
and so on, in a first-in, first-overwritten fashion.
4.1.5
Acknowledge
When addressed, the receiving device is required to gen-
erate an Acknowledge after each byte is received. The
master device must generate an extra clock pulse to co-
incide with the Acknowledge bit. The acknowledging de-
vice must pull the SDA line low during the high period of
the master acknowledge clock pulse. Setup and hold
times must be taken into account.
The master must signal an end of data to the slave by not
generating an acknowledge bit on the last byte that has
been read (clocked) out of the slave. In this case, the
slave must leave the SDA line high to allow the master to
generate a STOP condition.
4.2
Bus Operation and Commands
All programmable registers can be accessed via the bi-
directional two wire digital interface. The device accepts
the Random Register Read/Write and the Sequential
Register Read/Write I
2C commands. The device also
supports the Block Read/Write SMBus commands.
4.2.1
I
2C-bus and SMBus Device Addressing
After generating a START condition, the bus master
broadcasts a seven-bit device address followed by a R/W
bit. Note that every device on an I
2C-bus or SMBus must
have a unique address to avoid bus conflicts.
For an SMBus interface, the address of the device is:
A6
A5
A4
A3
A2
A1
A0
110
10
01


Similar Part No. - 11257-803

ManufacturerPart #DatasheetDescription
logo
Lapp.
1125752 LAPP-1125752 Datasheet
174Kb / 1P
   OLFLEX® CLASSIC 110 SY
08.03.2023
More results

Similar Description - 11257-803

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-05NSC MICREL-PL123-05NSC Datasheet
386Kb / 8P
   Low Skew Fanout Buffer
logo
ON Semiconductor
NB3N551 ONSEMI-NB3N551_12 Datasheet
134Kb / 7P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
July, 2012 ??Rev. 4
SB3N551 ONSEMI-SB3N551 Datasheet
81Kb / 6P
   Ultra-Low Skew 1:4 Clock Fanout Buffer
January, 2015 ??Rev. 0
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
CY7B9910 CYPRESS-CY7B9910_07 Datasheet
371Kb / 11P
   Low Skew Clock Buffer
logo
ON Semiconductor
NB3M8302C ONSEMI-NB3M8302C Datasheet
88Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3M8304C ONSEMI-NB3M8304C Datasheet
84Kb / 6P
   LVCMOS/LVTTL Low Skew Fanout Buffer
December, 2014 ??Rev. 3
NB3V110XC ONSEMI-NB3V110XC Datasheet
332Kb / 13P
   LVCMOS Low Skew Fanout Buffer Family
January, 2017 ??Rev. 3
logo
Integrated Circuit Syst...
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
   LOW SKEW 1-TO-16 FANOUT BUFFER
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
   Low Skew 1-to-16 Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com