Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4672 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP4672
Description  Dual Linear Voltage Regulators with Vin and Vout Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4672 Datasheet(HTML) 7 Page - ON Semiconductor

  NCP4672 Datasheet HTML 1Page - ON Semiconductor NCP4672 Datasheet HTML 2Page - ON Semiconductor NCP4672 Datasheet HTML 3Page - ON Semiconductor NCP4672 Datasheet HTML 4Page - ON Semiconductor NCP4672 Datasheet HTML 5Page - ON Semiconductor NCP4672 Datasheet HTML 6Page - ON Semiconductor NCP4672 Datasheet HTML 7Page - ON Semiconductor NCP4672 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NCP4672
http://onsemi.com
7
Figure 8. Vin and Vin RST versus Time
Figure 9. Vo and Vo RST versus Time
TIME (ms)
TIME (ms)
35
30
25
20
15
10
5
0
0
2
4
6
8
10
14
12
10
8
6
4
2
0
0
1
2
3
4
Figure 10. Vout1 Ripple Rejection
Figure 11. Vout2 Ripple Rejection
FREQUENCY (kHz)
FREQUENCY (kHz)
100
10
1
0.1
0.01
0
10
20
30
40
60
70
80
100
10
1
0.1
0.01
0
10
20
30
40
50
60
80
40
RPU = 10 kW
Vin RST
Vin
20
18
16
CD = 10 nF
Vo RST
Vo
50
Vin = 12 V
Vout1 = 3.5 V
Iout1 = 10 mA
Cout1 = 4.7 mF
70
Vin = 12 V
Vout2 = 1.8 V
Iout2 = 10 mA
Cout2 = 4.7 mF


Similar Part No. - NCP4672

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4672 ONSEMI-NCP4672 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP4672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3710 TI1-TPS3710 Datasheet
937Kb / 24P
[Old version datasheet]   Wide VIN Voltage Detector
TPS3710-Q1 TI1-TPS3710-Q1 Datasheet
830Kb / 22P
[Old version datasheet]   Wide VIN Voltage Detector
logo
Rohm
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
logo
Texas Instruments
UA78L02A TI1-UA78L02A_17 Datasheet
1Mb / 33P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791 Datasheet
526Kb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 0; 11/05
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
logo
Silicon Standard Corp.
SS6729 SSC-SS6729 Datasheet
328Kb / 8P
   400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
logo
Texas Instruments
TPS38A-Q1 TI-TPS38A-Q1 Datasheet
2Mb / 34P
[Old version datasheet]   TPS38x-Q1 (65 V & 2uA) Wide VIN Dual Channel Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com