Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G50DF Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1G50DF
Description  Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G50DF Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1G50DF Datasheet HTML 1Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 2Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 3Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 4Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 5Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 6Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 7Page - ON Semiconductor MC74VHC1G50DF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 0
1
Publication Order Number:
MC74VHC1G50/D
MC74VHC1G50
Product Preview
Buffer
The MC74VHC1G50 is an advanced high speed CMOS buffer
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffered
output which provides high noise immunity and stable output.
The MC74VHC1G50 input structure provides protection when
voltages up to 7V are applied, regardless of the supply voltage. This
allows the MC74VHC1G50 to be used to interface 5V circuits to 3V
circuits.
High Speed: tPD = 3.5ns (Typ) at VCC = 5V
Low Power Dissipation: ICC = 2µA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300mA
ESD Performance: HBM > 1500V; MM > 200V
Figure 1. 5–Lead SOT–353 Pinout (Top View)
5
1
2
4
3
VCC
NC
IN A
OUT Y
GND
LOGIC SYMBOL
IN A
OUT Y
1
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
SC–88A / SOT–353
DF SUFFIX
CASE 419A
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
http://onsemi.com
Pin 1
d = Date Code
VRd
4
5
VCC
OUT Y
FUNCTION TABLE
MARKING DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
L
H


Similar Part No. - MC74VHC1G50DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DF ONSEMI-MC74VHC1G50DF Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DF ONSEMI-MC74VHC1G50DF Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DF ONSEMI-MC74VHC1G50DF Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
MC74VHC1G50DF ONSEMI-MC74VHC1G50DF Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50DFT1 ONSEMI-MC74VHC1G50DFT1 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
More results

Similar Description - MC74VHC1G50DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G50DFT1G ONSEMI-MC74VHC1G50DFT1G Datasheet
260Kb / 8P
   Buffer
March, 2006 -- Rev. 12
logo
Minilogic Device Corpor...
ML74UL34 MINILOGIC-ML74UL34 Datasheet
119Kb / 3P
   Buffer
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
MC74VHC1G50 ONSEMI-MC74VHC1G50_V01 Datasheet
176Kb / 15P
   Buffer
April, 2022 ??Rev. 18
MC74VHC1G50DTT1G ONSEMI-MC74VHC1G50DTT1G Datasheet
250Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_06 Datasheet
254Kb / 8P
   Buffer
March, 2006 -- Rev. 12
MC74VHC1G50 ONSEMI-MC74VHC1G50_18 Datasheet
203Kb / 14P
   Buffer
November, 2018 ??Rev. 13
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
   CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
PHOENIX CONTACT
2908283 PHOENIX-2908283 Datasheet
83Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/40
2907913 PHOENIX-2907913 Datasheet
82Kb / 5P
   Buffer module - QUINT4-BUFFER/24DC/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com