Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G86 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74VHC1G86
Description  2-Input Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G86 Datasheet(HTML) 7 Page - ON Semiconductor

  MC74VHC1G86 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 6Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 7Page - ON Semiconductor MC74VHC1G86 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC74VHC1G86
http://onsemi.com
7
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 7. Tape Ends for Finished Goods
Figure 8. Reel Configuration
User Direction of Feed
SC–88A/SOT–353 (5 Pin)
DEVICE
“T1” PIN ONE TOWARDS
SPROCKET HOLE


Similar Part No. - MC74VHC1G86

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G86 ETL-MC74VHC1G86 Datasheet
664Kb / 4P
   2-Input Exclusive OR Gate
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86 Datasheet
123Kb / 6P
   Single 2-Input Exclusive OR Gate
September, 2013 ??Rev. 19
MC74VHC1G86 ONSEMI-MC74VHC1G86 Datasheet
123Kb / 6P
   Single 2-Input Exclusive OR Gate
September, 2013 ??Rev. 19
MC74VHC1G86 ONSEMI-MC74VHC1G86 Datasheet
207Kb / 14P
   Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results

Similar Description - MC74VHC1G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com