Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG80C286-16 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CG80C286-16
Description  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CG80C286-16 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CG80C286-16 Datasheet HTML 5Page - Intersil Corporation CG80C286-16 Datasheet HTML 6Page - Intersil Corporation CG80C286-16 Datasheet HTML 7Page - Intersil Corporation CG80C286-16 Datasheet HTML 8Page - Intersil Corporation CG80C286-16 Datasheet HTML 9Page - Intersil Corporation CG80C286-16 Datasheet HTML 10Page - Intersil Corporation CG80C286-16 Datasheet HTML 11Page - Intersil Corporation CG80C286-16 Datasheet HTML 12Page - Intersil Corporation CG80C286-16 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
138
80C286/883
NOTES:
1. These signals may not be driven by the 80C286/883 during the time shown. The worst case in terms of latest float time is shown.
2. The data bus will be driven as shown if the last cycle before TI in the diagram was a write TC.
3. The 80C286/883 puts its status pins in a high impedance logic one state during TH.
4. For HOLD request set up to HLDA, refer to Figure 8.
5. BHE and LOCK are driven at this time but will not become valid until TS.
6. The data bus will remain in a high impedance state if a read cycle is performed.
FIGURE 5. EXITING AND ENTERING HOLD
Waveforms (Continued)
16
φ2
φ1
φ2
φ1
φ2
φ1
φ2
φ1
TH
TI
TH
TH OR TI
BUS CYCLE TYPE
VCH
CLK
HILDA
VCL
16
(SEE NOTE 4)
12A (NOTE 3)
15
(SEE NOTE 3)
12B
15
IF TS
S1 • S0
PEACK
BHE, LOCK
A23 - A0,
M/IO,
COD/INTA
(SEE NOTE 5)
13
(SEE NOTE 1)
15
VALID
14
(SEE NOTE 6)
(SEE NOTE 2)
15
VALID IF WRITE
D15 - D0
PCLK
IF NPX TRANSFER


Similar Part No. - CG80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CG80C286-16 INTERSIL-CG80C286-16 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
CG80C286-16 INTERSIL-CG80C286-16 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
CG80C286-16 INTERSIL-CG80C286-16 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - CG80C286-16

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com