Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V460LA7P Datasheet(PDF) 2 Page - Littelfuse

Part # V460LA7P
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V460LA7P Datasheet(HTML) 2 Page - Littelfuse

  V460LA7P Datasheet HTML 1Page - Littelfuse V460LA7P Datasheet HTML 2Page - Littelfuse V460LA7P Datasheet HTML 3Page - Littelfuse V460LA7P Datasheet HTML 4Page - Littelfuse V460LA7P Datasheet HTML 5Page - Littelfuse V460LA7P Datasheet HTML 6Page - Littelfuse V460LA7P Datasheet HTML 7Page - Littelfuse V460LA7P Datasheet HTML 8Page - Littelfuse V460LA7P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
57
www .littelfuse .com
2
Varistor Products
LA Varistor Series
Line Voltage Operation, Radial Lead
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 to 1000
V
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175 to 1200
V
Transients:
Peak Pulse Current (ITM)
For 8/20µs Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1200 to 6500
A
Single Pulse Energy Range
For 10/1000µs Current Wave (WTM ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 to 360
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85
0
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 125
0
C
Temperature Coefficient ( V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/0C
Hi-Pot Encapsulation (Isolation Voltage Capability) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500
V
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
Insulation Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000
MΩ
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at
these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
PART
NUMBER
MAXIMUM RATING (85oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20 s
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY
10 x 1000 s
PEAK
CURRENT
8 x 20 s
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
V130LA1
1301
130
175
11
1200
184
255
390
10
180
V130LA2
1302
130
175
11
1200
184
228
340
10
180
V130LA5
1305
130
175
20
2500
184
228
340
25
450
V130LA10A
130L10
130
175
38
4500
184
228
340
50
1000
V130LA20A
130L20
130
175
70
6500
184
228
340
100
1900
V130LA20B
130L20B
130
175
70
6500
184
220
325
100
1900
V140LA2
1402
140
180
12
1200
198
242
360
10
160
V140LA5
1405
140
180
22
2500
198
242
360
25
400
V140LA10A
140L10
140
180
42
4500
198
242
360
50
900
V140LA20A
140L20
140
180
75
6500
198
242
340
100
1750
V150LA1
1501
150
200
13
1200
212
284
430
10
150
V150LA2
1502
150
200
13
1200
212
268
395
10
150
V150LA5
1505
150
200
25
2500
212
268
395
25
360
V150LA10A
150L10
150
200
45
4500
212
268
395
50
800
V150LA20A
150L20
150
200
80
6500
212
268
395
100
1600
V150LA20B
150L20B
150
200
80
6500
212
243
360
100
1600
V175LA2
1752
175
225
15
1200
247
303
455
10
130
V175LA5
1755
175
225
30
2500
247
303
455
25
350
V175LA10A
175L10
175
225
55
4500
247
303
455
50
700
V175LA20A
175L20
175
225
90
6500
247
303
455
100
1400
V230LA4
2304
230
300
20
1200
324
396
595
10
100
V230LA10
230L
230
300
35
2500
324
396
595
25
250
V230LA20A
230L20
230
300
70
4500
324
396
595
50
550
V230LA40A
230L40
230
300
122
6500
324
396
595
100
1100
PART
NUMBER
MODEL
SIZE
DISC
DIA.
(mm)
V130LA1P
7
P1301
V130LA2P
7
P1302
V130LA5P
10
P1305
V130LA10AP
14
P130L10
V130LA20AP
20
P130L20
V130LA20BP
20
P130L20B
V140LA2P
7
P1402
V140LA5P
10
P1405
V140LA10AP
14
P140L10
V140LA20AP
20
P140L20
V150LA1P
7
P1501
V150LA2P
7
P1502
V150LA5P
10
P1505
V150LA10AP
14
P150L10
V150LA20AP
20
P150L20
V150LA20BP
20
P150L20B
V175LA2P
7
P1752
V175LA5P
10
P1755
V175LA10AP
14
P175L10
V175LA20AP
20
P175L20
V230LA4P
7
P2304
V230LA10P
10
P230L
V230LA20AP
14
P230L20
V230LA40AP
20
P230L40
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
BRANDING
BRANDING
LA SERIES
UNITS
Pb
RoHS


Similar Part No. - V460LA7P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V460LA7P LITTELFUSE-V460LA7P Datasheet
833Kb / 13P
   Radial Lead Varistors
V460LA7P LITTELFUSE-V460LA7P Datasheet
1Mb / 13P
   LA Varistor Series
V460LA7P LITTELFUSE-V460LA7P Datasheet
1Mb / 13P
   LA Varistor Series
V460LA7P LITTELFUSE-V460LA7P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V460LA7P LITTELFUSE-V460LA7P Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V460LA7P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com