Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406883 Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG406883
Description  Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG406883 Datasheet(HTML) 4 Page - Intersil Corporation

  DG406883 Datasheet HTML 1Page - Intersil Corporation DG406883 Datasheet HTML 2Page - Intersil Corporation DG406883 Datasheet HTML 3Page - Intersil Corporation DG406883 Datasheet HTML 4Page - Intersil Corporation DG406883 Datasheet HTML 5Page - Intersil Corporation DG406883 Datasheet HTML 6Page - Intersil Corporation DG406883 Datasheet HTML 7Page - Intersil Corporation DG406883 Datasheet HTML 8Page - Intersil Corporation DG406883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Spec Number
512041-883
Positive Standby Current
ICC
Standby
VEN = VA = 0V or 5V
1
All
-
30
µA
2, 3
All
-
75
µA
Negative Standby Current
IEE
Standby
1All
-1
-
µA
2, 3
All
-10
-
µA
NOTES:
3. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
4. Room = 25oC, Cold and Hot = as determined by the operating temperature suffix.
TABLE 1A. ELECTRICAL PERFORMANCE SPECIFICATIONS (SINGLE SUPPLY)
Devices tested at +VSUPPLY = +12V, -VSUPPLY = 0V, VAL = 0.8V, VAH = 2.4V, Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUP
DEVICE
TYPE
MIN
MAX
UNITS
Drain-Source ON Resistance
rDS(ON) VD = 3V, 10V
IS = -1mA
1All
-
120
Positive Current
ICC
VEN = 0V or 5V,
VA = 0V or 5V
1All
-
30
µA
2, 3
All
-
75
µA
Negative Current
IEE
1All
-1
-
µA
2, 3
All
-5
-
µA
Switching Time of Multiplexer
tTRANS VS1 = 8V, VSS - 0V,
VIN = 2.4V
1
All
-
450
ns
Enable Turn-ON Time
tON(EN) VINH = 2.4V, VINL = 0V,
VS1 = 5V
1
All
-
600
ns
Enable Turn-OFF Time
tOFF(EN)
1
All
-
300
ns
TABLE 1. DC ELECTRICAL PERFORMANCE SPECIFICATIONS
Devices tested at +VSUPPLY = +15V, -VSUPPLY = -15V, VAL = 0.8V, VAH = 2.4V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUP
DEVICE
TYPE
(NOTE 3)
MIN
(NOTE 3)
MAX
UNITS
TABLE 2. AC ELECTRICAL PERFORMANCE SPECIFICATIONS
Devices tested at +VSUPPLY = +15V, -VSUPPLY = -15V, VAL = 0.8V, VAH = 2.4V, Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUP
DEVICE
TYPE
MIN
MAX
UNITS
Transition Time
tTRANS CL = 35pF, RL = 300Ω,
See Figure 1
9
All
-
300
ns
10, 11
All
-
400
ns
Enable Turn-ON Time
tON(EN) CL = 35pF, RL = 300Ω,
See Figure 2
9
All
-
200
ns
10, 11
All
-
400
ns
Enable Turn-OFF Time
tOFF(EN)
9
All
-
150
ns
10, 11
All
-
300
ns
Break Before Leakage Current
tOPEN
CL = 35pF, RL = 300Ω,
See Figure 3
9All
25
-
ns
10, 11
All
10
-
ns
DG406/883, DG407/883


Similar Part No. - DG406883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406 VISHAY-DG406 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
More results

Similar Description - DG406883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com