Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP1824D3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1824D3
Description  High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824D3 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1824D3 Datasheet HTML 1Page - Intersil Corporation CDP1824D3 Datasheet HTML 2Page - Intersil Corporation CDP1824D3 Datasheet HTML 3Page - Intersil Corporation CDP1824D3 Datasheet HTML 4Page - Intersil Corporation CDP1824D3 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
46
Static Burn-In Circuit
Data Retention Specifications
At TA = +25
oC
PARAMETER
SYMBOL
TEST
CONDITIONS
LIMITS
UNITS
CDP1824/3
CDP1824C/3
VDR
(V)
VDD
(V)
MIN
MAX
MIN
MAX
Data Retention Voltage
VDR
-
-
2.5
-
2.5
-
V
Data Retention Quiescent Current
IDD
2.5
-
-
10
-
40
µA
Chip Deselect to Data Retention Time
tCDR
2.5
5
600
-
600
-
ns
2.5
10
300
---ns
Recovery to Normal Operation Time
tRC
2.5
5
600
-
600
-
ns
2.5
10
300
---ns
TYPE
VDD
TEMPERATURE
TIME
CDP1824
11V
+125oC
160 Hrs., Min.
CDP1824C
7V
+125oC
160 Hrs., Min.
NOTE: tr, tf > 1µs.
FIGURE 3. LOW VDD DATA RETENTION WAVEFORMS AND TIMING DIAGRAM
DATA RETENTION
MODE
0.95 VDD
0.95 VDD
tF
VDD
tCDR
tF
tRC
VDD
VIH
VIL
VIL
VIH
CS
(NOTE 1)
(NOTE 1)
VDD
VDD
VSS
VSS
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
All Resistors 47k
Ω (±±20%)
CDP1824/3, CDP1824C/3


Similar Part No. - CDP1824D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1824D INTERSIL-CDP1824D Datasheet
26Kb / 6P
   32-Word x 8-Bit Static RAM
March 1997
More results

Similar Description - CDP1824D3

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D1C ACCUTEK-AK68512D1C Datasheet
128Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
logo
Motorola, Inc
MCM60L256A-C MOTOROLA-MCM60L256A-C Datasheet
348Kb / 8P
   32K x 8 Bit CMOS Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK68512D ACCUTEK-AK68512D Datasheet
95Kb / 2P
   524,288 x 8 Bit CMOS Static Random Access Memory
AK681024G ACCUTEK-AK681024G Datasheet
163Kb / 2P
   1,048,579 x 8 Bit CMOS Static Random Access Memory
AK632256AW ACCUTEK-AK632256AW Datasheet
111Kb / 2P
   262,144 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63264AW ACCUTEK-AK63264AW Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632512W ACCUTEK-AK632512W Datasheet
99Kb / 2P
   524,288 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK63264W ACCUTEK-AK63264W Datasheet
243Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK632128AW ACCUTEK-AK632128AW Datasheet
107Kb / 2P
   131,072 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK63232W ACCUTEK-AK63232W Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com