Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07E420 Datasheet(PDF) 2 Page - Littelfuse

Part # V07E420
Description  Varistor Products - High Surge Current, Radial Lead
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E420 Datasheet(HTML) 2 Page - Littelfuse

  V07E420 Datasheet HTML 1Page - Littelfuse V07E420 Datasheet HTML 2Page - Littelfuse V07E420 Datasheet HTML 3Page - Littelfuse V07E420 Datasheet HTML 4Page - Littelfuse V07E420 Datasheet HTML 5Page - Littelfuse V07E420 Datasheet HTML 6Page - Littelfuse V07E420 Datasheet HTML 7Page - Littelfuse V07E420 Datasheet HTML 8Page - Littelfuse V07E420 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
37
www .littelfuse .com
Varistor Products
High Surge Current, Radial Lead
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
Continuous:
Steady State AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130 to 625V
V
Transient:
Single-Pulse Peak Current (ITM) 8x20µs Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1,750 to 10,000
A
Single-Pulse Energy Range (WTM) 2ms Square Wave . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.5 to 400
J
Maximum Temporary Overvoltage of VM(AC)
5 Minutes at 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
%
5 Minutes at 125oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
%
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 85
o
C
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to125
o
C
Temperature Coefficient ( V) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <0.01
%/oC
Hi-Pot Encapsulation Isolation Voltage Capability, Per MIL-STD-202, Method 301 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2500
V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 2MS SQ Wave Us. 100x1000 exponential condition for Ultra CIII, LA, TA and FCTC.
ULTRAMOV VARISTOR
UNITS
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR
VOLTAGE AT 1mA
DC TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE 8 x 20
µs
TYPICAL
CAPACI-
TANCE
RMS
VOLTS
DC
VOLTS
ENERGY
2ms
PEAK CURRENT
8x 20
µs
VM(AC)
VM(DC)
WTM
VNOM
MIN
VNOM
MAX
VC
IPK
f = 1MHz
(V)
(V)
(J)
(V)
(V)
(A)
(pF)
V07E130
7V130
130
170
12.5
184
226
340
10
180
V10E130
10V130
130
170
25
184
226
340
25
450
V14E130
14V130
130
170
50
184
226
340
50
1000
V20E130
20V130
130
170
100
184
226
340
100
1900
V07E140
7V140
140
180
13.5
200
240
360
10
160
V10E140
10V140
140
180
27.5
200
240
360
25
400
V14E140
14V140
140
180
55
200
240
360
50
900
V20E140
20V140
140
180
110
200
240
360
100
1750
V07E150
7V150
150
200
15
216
264
395
10
150
V10E150
10V150
150
200
30
216
264
395
25
360
V14E150
14V150
150
200
60
216
264
395
50
800
V20E150
20V150
150
200
120
216
264
395
100
1600
V07E175
7V175
175
225
17
243
297
455
10
130
V10E175
10V175
175
225
35
243
297
455
25
350
V14E175
14V175
175
225
70
243
297
455
50
700
V20E175
20V175
175
225
135
243
297
455
100
1400
V07E230
7V230
230
300
20
324
396
595
10
100
V10E230
10V230
230
300
42
324
396
595
25
250
V14E230
14V230
230
300
80
324
396
595
50
550
V20E230
20V230
230
300
160
ITM
1 x PULSE
(A)
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
1750
3500
6000
10000
324
396
595
100
1100
ITM
2 x PULSE
(A)
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
1200
2500
4500
6500
PART
NUMBER
BRANDING
V07E130P
P7V130
V10E130P
P10V130
V14E130P
P14V130
V20E130P
P20V130
V07E140P
P7V140
V10E140P
P10V140
V14E140P
P14V140
V20E140P
P20V140
V07E150P
P7V150
V10E150P
P10V150
V14E150P
P14V150
V20E150P
P20V150
V07E175P
P7V175
V10E175P
P10V175
V14E175P
P14V175
V20E175P
P20V175
V07E230P
P7V230
V10E230P
P10V230
V14E230P
P14V230
V20E230P
P20V230
BRANDING
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
PART
NUMBER
Device Ratings and Specifications
2
UltraMOVVaristor Series
Pb
RoHS


Similar Part No. - V07E420

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   Radial Lead Varistors
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E420P LITTELFUSE-V07E420P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V07E420P LITTELFUSE-V07E420P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V07E420

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
logo
UN Semiconducctor INC
40D UNSEMI-40D Datasheet
2Mb / 4P
   Radial Lead Varistor (MOV)
Revision March 1,2022
34S750T UNSEMI-34S750T Datasheet
2Mb / 3P
   Radial Lead Varistor (MOV)
Revision March 1,2022
logo
Socay Electornics Co., ...
07D180K SOCAY-07D180K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com