Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA2-2529-2 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA2-2529-2
Description  20MHz, High Input Impedance, High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA2-2529-2 Datasheet(HTML) 6 Page - Intersil Corporation

  HA2-2529-2 Datasheet HTML 1Page - Intersil Corporation HA2-2529-2 Datasheet HTML 2Page - Intersil Corporation HA2-2529-2 Datasheet HTML 3Page - Intersil Corporation HA2-2529-2 Datasheet HTML 4Page - Intersil Corporation HA2-2529-2 Datasheet HTML 5Page - Intersil Corporation HA2-2529-2 Datasheet HTML 6Page - Intersil Corporation HA2-2529-2 Datasheet HTML 7Page - Intersil Corporation HA2-2529-2 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FIGURE 10. OFFSET CURRENT vs TEMPERATURE (5 TYPICAL
UNITS FROM 3 LOTS)
FIGURE 11. OPEN LOOP GAIN vs TEMPERATURE (6 TYPICAL
UNITS FROM 3 LOTS)
FIGURE 12. OUTPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 13. OUTPUT VOLTAGE SWING vs SUPPLY VOLTAGE
FIGURE 14. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 15. FREQUENCY RESPONSE
Typical Performance Curves
VSUPPLY = ±15V (Continued)
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
-60
40
30
20
10
0
-30
-20
-10
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
-60
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
6
7
46
8
10
12
14
SUPPLY VOLTAGE (
±V)
50
40
30
20
10
0
-40
-30
-20
-10
46
8
10
12
14
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
0
-8
-6
-4
-2
2
14
-12
-10
RL = 2kΩ
46
8
10
12
14
SUPPLY VOLTAGE (
±V)
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
25oC
-55oC
125oC
FREQUENCY (Hz)
80
60
40
20
0
100
0
-45
-90
-135
-180
10K
100K
1M
10M
100M
1K
100
OPEN LOOP GAIN
OPEN LOOP PHASE
PHASE AT AV = 100
GAIN AT AV = 100
HA-2529


Similar Part No. - HA2-2529-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA2-2529/883 INTERSIL-HA2-2529/883 Datasheet
88Kb / 9P
   Uncompensated, High Slew Rate High Output Current, Operational Amplifier
More results

Similar Description - HA2-2529-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2520 INTERSIL-HA-2520 Datasheet
310Kb / 6P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
October 11, 2004
HA-2520 INTERSIL-HA-2520_06 Datasheet
307Kb / 11P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
logo
Renesas Technology Corp
HA-2520 RENESAS-HA-2520 Datasheet
461Kb / 12P
   20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers
June 13, 2014
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com