Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5101883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5101883
Description  Low Noise, High Performance Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5101883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5101883 Datasheet HTML 1Page - Intersil Corporation HA-5101883 Datasheet HTML 2Page - Intersil Corporation HA-5101883 Datasheet HTML 3Page - Intersil Corporation HA-5101883 Datasheet HTML 4Page - Intersil Corporation HA-5101883 Datasheet HTML 5Page - Intersil Corporation HA-5101883 Datasheet HTML 6Page - Intersil Corporation HA-5101883 Datasheet HTML 7Page - Intersil Corporation HA-5101883 Datasheet HTML 8Page - Intersil Corporation HA-5101883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
HA-5101/883
Low Noise, High Performance Operational
Amplifier
The HA-5101/883 is a dielectrically isolated operational
amplifier featuring low noise and high performance. This
amplifier has an excellent noise voltage density of
4.5nV/
√Hz (max) at 1kHz. The unity gain stable
HA-5101/883 yields a 10MHz unity gain bandwidth and a
6V/µs slew rate.
DC characteristics of the HA-5101/883 assure accurate
performance. The 3mV (max) offset voltage is externally
adjustable and offset voltage drift is just 3
µV/°C. Low bias
currents (200nA max) reduce input current errors and the
high open loop voltage gain of 100kV/V, over temperature,
increases the loop gain for low distortion amplification.
The HA-5101/883 is ideal for audio applications, especially
low-level signal amplifiers such as microphone, tape head
and preamplifiers. Additionally, it is well suited for low
distortion oscillators, low noise function generators and high
Q filters.
Features
• This Circuit is Processed in Accordance to MIL-STD-883
and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Low Noise Voltage @ 1kHz . . . . . . . . . . . 4.5nV/
√Hz Max
• Low Noise Current @ 1kHz . . . . . . . . . . . . . 3pA/
√Hz Max
• Wide Unity Gain Bandwidth . . . . . . . . . . . . . . . 10MHz Min
• High Gain (Full Temp) . . . . . . . . . . . . . . . . . .100kV/V Min
(Room Temp) . . . . . . . . . . . . . . . . . 1MV/V Typ
• Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V/
µs Min
• High CMRR/PSRR (Full Temp) . . . . . . . . . . . . . 80dB Min
• High Output Drive Capability (Full Temp) . . . . . . . . . 25mA
Applications
• High Quality Audio Preamplifiers
• High Q Active Filters
• Low Noise Function Generators
• Low Distortion Oscillators
• Low Noise Comparators
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HA7-5101/883
-55 to 125
8 Ld CerDIP
F8.3A
5962-89636012A
-55 to 125
20 Ld Ceramic LCC J20.A
HA7-5101/883 (CERDIP)
TOP VIEW
5962-896360 (CLCC)
TOP VIEW
BAL
-IN
+IN
V-
2
3
4
1
V+
OUT
7
6
5
8NC
BAL
+
-
NC
-IN
NC
+IN
NC
NC
V+
NC
OUT
NC
4
5
6
7
8
10
11
12
13
9
32
1
20
19
16
17
18
15
14
-
+
Data Sheet
August 17, 2005
FN3931.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1994, 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HA-5101883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101 INTERSIL-HA-5101 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
logo
Renesas Technology Corp
HA-5101 RENESAS-HA-5101 Datasheet
563Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
May 2003
logo
Intersil Corporation
HA-5101-9 INTERSIL-HA-5101-9 Datasheet
534Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
HA-5101 INTERSIL-HA-5101_03 Datasheet
556Kb / 10P
   10MHz, Low Noise, Operational Amplifiers
More results

Similar Description - HA-5101883

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5534AN FAIRCHILD-RC5534AN Datasheet
85Kb / 11P
   High Performance Low Noise Operational Amplifier
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com