Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5147883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-5147883
Description  100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5147883 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-5147883 Datasheet HTML 1Page - Intersil Corporation HA-5147883 Datasheet HTML 2Page - Intersil Corporation HA-5147883 Datasheet HTML 3Page - Intersil Corporation HA-5147883 Datasheet HTML 4Page - Intersil Corporation HA-5147883 Datasheet HTML 5Page - Intersil Corporation HA-5147883 Datasheet HTML 6Page - Intersil Corporation HA-5147883 Datasheet HTML 7Page - Intersil Corporation HA-5147883 Datasheet HTML 8Page - Intersil Corporation HA-5147883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Die Characteristics
DIE DIMENSIONS:
104.3 x 65 x 19 mils
2650 x 1650 x 483
µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
± 2kÅ
GLASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12kÅ
± 2kÅ
Nitride Thickness: 3.5kÅ
± 1.5kÅ
WORST CASE CURRENT DENSITY:
3.6 x 105A/cm2 at 15mA
This device meets Glassivation Integrity Test Requirement
per MIL-STD-883 Method 2021 and MIL-I-38535 Paragraph
30.5.5.4.
SUBSTRATE POTENTIAL (Powered Up):
V-
TRANSISTOR COUNT:
63
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
HA-5147/883
BAL
BAL
V+
OUT
NC
V-
+IN
-IN
HA-5147/883
Spec Number
511009-883


Similar Part No. - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
More results

Similar Description - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com