Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5147883 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5147883
Description  100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5147883 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5147883 Datasheet HTML 1Page - Intersil Corporation HA-5147883 Datasheet HTML 2Page - Intersil Corporation HA-5147883 Datasheet HTML 3Page - Intersil Corporation HA-5147883 Datasheet HTML 4Page - Intersil Corporation HA-5147883 Datasheet HTML 5Page - Intersil Corporation HA-5147883 Datasheet HTML 6Page - Intersil Corporation HA-5147883 Datasheet HTML 7Page - Intersil Corporation HA-5147883 Datasheet HTML 8Page - Intersil Corporation HA-5147883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
June 1998
HA-5147/883
100MHz, Ultra Low Noise, Precision,
High Slew Rate Operational Amplifier
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 28V/
µs (Min)
• Wide Gain Bandwidth (AV ≥ 10) . . . . . . . 100MHz (Min)
• Low Noise (at 1kHz) . . . . . . . . . . . . . . . 4.5nV/
√Hz (Max)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . .100
µV (Max)
• Low Offset Drift With Temperature. . . . 1.8
µV/oC (Max)
• High CMRR . . . . . . . . . . . . . . . . . . . . . . . . . . 100dB (Min)
• High Voltage Gain . . . . . . . . . . . . . . . . . . 700kV/V (Min)
Applications
• High Speed Signal Conditioners
• Wide Bandwidth Instrumentation Amplifiers
• Low Level Transducer Amplifiers
• Fast, Low Level Voltage Comparators
• Highest Quality Audio Preamplifiers
• Pulse/RF Amplifiers
Description
The HA-5147/883 monolithic operational amplifier features
an unparalleled combination of precision DC and wideband
high speed characteristics. Utilizing the Intersil DI technol-
ogy and advanced processing techniques, this unique
design unites low noise precision instrumentation perfor-
mance with high speed wideband capability.
This amplifier’s impressive list of features include low VOS,
wide gain-bandwidth, high open loop gain, and high CMRR.
Additionally, this flexible device operates over a wide supply
range while consuming only 120mW of power.
Using the HA-5147/883 allows designers to minimize errors
while maximizing speed and bandwidth in applications
requiring gains greater than ten.
This device is ideally suited for low level transducer signal
amplifier circuits. Other applications which can utilize the
HA-5147/883’s qualities include instrumentation amplifiers,
pulse or RF amplifiers, audio preamplifiers, and signal condi-
tioning circuits.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA4-5147/883
-55 to 125
20 Ld CLCC
J20.A
HA7-5147/883
-55 to 125
8 Ld CERDIP
F8.3A
HA-5147/883
(CERDIP)
TOP VIEW
HA-5147/883
(CLCC)
TOP VIEW
1
2
3
4
8
7
6
5
V+
OUT
BAL
V-
-
BAL
NC
-IN
+IN
+
4
5
6
7
8
910 11 12 13
32
1
20 19
15
14
18
17
16
NC
NC
NC
V+
OUT
NC
NC
NC
+
-IN
+IN
-
Spec Number
511009-883
File Number
3715.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
More results

Similar Description - HA-5147883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Rohm
BA15532 ROHM-BA15532 Datasheet
56Kb / 4P
   Dual high slew rate, low noise operational amplifier
BA15218 ROHM-BA15218 Datasheet
60Kb / 5P
   Dual high slew rate, low noise operational amplifier
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160 Datasheet
92Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
March 18, 2010
logo
Renesas Technology Corp
HA-5160 RENESAS-HA-5160 Datasheet
522Kb / 8P
   100MHz, JFET Input, High Slew Rate,Uncompensated, Operational Amplifier
March 18, 2010
logo
Intersil Corporation
HA-5160 INTERSIL-HA-5160_05 Datasheet
250Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
HA-5160 INTERSIL-HA-5160 Datasheet
321Kb / 8P
   100MHz, JFET Input, High Slew Rate, Uncompensated, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com