Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-5221883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-5221883
Description  Low Noise, Wideband, Precision Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5221883 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-5221883 Datasheet HTML 1Page - Intersil Corporation HA-5221883 Datasheet HTML 2Page - Intersil Corporation HA-5221883 Datasheet HTML 3Page - Intersil Corporation HA-5221883 Datasheet HTML 4Page - Intersil Corporation HA-5221883 Datasheet HTML 5Page - Intersil Corporation HA-5221883 Datasheet HTML 6Page - Intersil Corporation HA-5221883 Datasheet HTML 7Page - Intersil Corporation HA-5221883 Datasheet HTML 8Page - Intersil Corporation HA-5221883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
HA-5221/883HA-5221/883
Output Current
+IOUT
VOUT = +10V, RL = 1kΩ
4+25oC30
-
mA
5, 6
+125oC, -55oC30
-
mA
-IOUT
VOUT = -10V, RL = 1kΩ
4+25
oC-
-30
mA
5, 6
+125oC, -55oC-
-30
mA
Quiescent Power Supply
Current
+ICC
VOUT = 0V, IOUT = 0mA
1
+25oC-
10
mA
2, 3
+125
oC, -55oC-
11
mA
-ICC
VOUT = 0V, IOUT = 0mA
1
+25oC-10
-
mA
2, 3
+125oC, -55oC-11
-
mA
Power Supply
Rejection Ratio
+PSRR
∆V
SUP = 10V,
V+ = +20V, V- = -15V,
V+ = +10V, V- = -15V
1+25
oC90
-
dB
2, 3
+125oC, -55oC86
-
dB
-PSRR
∆V
SUP = 10V,
V+ = +15V, V- = -20V,
V+ = +15V, V- = -10V
1+25
oC90
-
dB
2, 3
+125oC, -55oC86
-
dB
Offset Voltage
Adjustment
+VIOAdj
Note 1
1
+25
oCV
IO-1
-
mV
2, 3
+125oC, -55oCVIO-1
-
mV
-VIOAdj
Note 1
1
+25oCVIO+1
-
mV
2, 3
+125
oC, -55oCV
IO+1
-
mV
NOTE:
1. Offset adjustment range is [VIO (Measured ±1mV] minimum referred to output. This test is for functionality only to assure adjustment
through 0V.
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
Table 2 Intentionally Left Blank. See AC specifications in Table 3.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Characterized at: VSUPPLY = ±15V, RLOAD = 1kΩ, CLOAD = 50pF, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input Noise Voltage
Density
EN
RS = 0Ω, fO = 10Hz
1, 5
+25
oC-
24.0
nV
/√Hz
RS = 0Ω, fO = 100Hz
1, 5
+25oC-
8.0
nV
/√Hz
RS = 0Ω, fO = 1kHz
1, 5
+25
oC-
5.8
nV
/√Hz
Input Noise Current
Density
IN
RS = 500kΩ, fO = 10Hz
1, 5
+25oC-
11.5
pA
/√Hz
RS = 500kΩ, fO = 100Hz
1, 5
+25
oC-
6.0
pA
/√Hz
RS = 500kΩ, fO = 1kHz
1, 5
+25oC-
2.0
pA
/√Hz
Gain Bandwidth Product
GBWP
VOUT = 200mVP-P,
fO = 100kHz
1+25
oC100
-
MHz
-55oC to +125oC90
-
MHz
Unity Gain Bandwidth
UGBW
VOUT = 200mV
1
+25
oC30
-
MHz
-55oC to +125oC25
-
MHz
Slew Rate
±SR
VOUT = ±2.5V
CL = 50pF
1-55
oC to +125oC25
-
V/
µs
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
Device Tested at: VSUPPLY = ±15V, RLOAD = 1kΩ, VOUT = 0V, Unless Otherwise Specified.
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - HA-5221883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221 Datasheet
700Kb / 12P
   100MHz, Low Noise, Precision Operational Amplifier
April 2000
HA-5221 INTERSIL-HA-5221 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
logo
Renesas Technology Corp
HA-5221 RENESAS-HA-5221 Datasheet
1Mb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
May 2003
logo
Intersil Corporation
HA-5221 INTERSIL-HA-5221_03 Datasheet
657Kb / 11P
   100MHz, Low Noise, Precision Operational Amplifier
More results

Similar Description - HA-5221883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HFA-0002 INTERSIL-HFA-0002 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
logo
Burr-Brown (TI)
OPA621 BURR-BROWN-OPA621 Datasheet
193Kb / 16P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com