Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC1-5509A1-5 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HC1-5509A1-5
Description  SLIC Subscriber Line Interface Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC1-5509A1-5 Datasheet(HTML) 1 Page - Intersil Corporation

  HC1-5509A1-5 Datasheet HTML 1Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 2Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 3Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 4Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 5Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 6Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 7Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 8Page - Intersil Corporation HC1-5509A1-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
,
8-131
®
Description
The HC-5509A1 telephone Subscriber Line Interface Circuit
integrates most of the BORSCHT functions on a monolithic
IC. The device is manufactured in a Dielectric Isolation (DI)
process and is designed for use as a high voltage interface
between the traditional telephone subscriber pair (Tip and
Ring) and the low voltage filtering and coding/decoding func-
tions of the line card. Together with a secondary protection
diode bridge and “feed” resistors, the device will withstand
1000V lightning induced surges, in plastic packages. The
SLIC also maintains specified transmission performance in
the presence of externally induced longitudinal currents. The
BORSCHT functions that the SLIC provides are:
• Battery Feed with Subscriber Loop Current Limiting
• Overvoltage Protection
• Ring Relay Driver
• Supervisory Signaling Functions
• Hybrid Functions (with External Op-Amp)
• Test (or Battery Reversal) Relay Driver
In addition, the SLIC provides selective denial of power to
subscriber loops, a programmable subscriber loop current
limit from 20 to 60mA, a thermal shutdown with an alarm out-
put and line fault protection. Switch hook detection, ring trip
detection and ground key detection functions are also incor-
porated in the SLIC device.
The HC-5509A1 SLIC is ideally suited for line card designs
in PBX and CO systems, replacing traditional transformer
solutions.
Features
• DI Monolithic High Voltage Process
• Compatible with Worldwide PBX and CO Performance
Requirements
• Controlled Supply of Battery Feed Current with Programmable
Current Limit
• Operates with 5V Positive Supply (VB+)
• Internal Ring Relay Driver and a Utility Relay Driver
• High Impedance Mode for Subscriber Loop
• High Temperature Alarm Output
• Low Power Consumption During Standby Functions
• Switch Hook, Ground Key, and Ring Trip Detection
• Selective Power Denial to Subscriber
• Voice Path Active During Power Denial
• On Chip Op-Amp for 2 Wire Impedance Matching
Applications
• Solid State Line Interface Circuit for PBX or Central Office
Systems, Digital Loop Carrier Systems
• Hotel/Motel Switching Systems
• Direct Inward Dialing (DID) Trunks
• Voice Messaging PBX’s
• High Voltage 2W/4W, 4W/2W Hybrid
Ordering Information
PART NUMBER
TEMP. RANGE
PACKAGE
HC1-5509A1-5
0o to +75oC
28 Lead Ceramic DIP
HC1-5509A1-9
-40o to +85oC
28 Lead Ceramic DIP
HC3-5509A1-5
0o to +75oC
28 Lead Plastic DIP
HC3-5509A1-9
-40
o to +85oC
28 Lead Plastic DIP
HC4P5509A1-5
0o to +75oC
44 Lead PLCC
HC4P5509A1-9
-40o to +85oC
44 Lead PLCC
HC9P5509A1-5
0o to +75oC
28 Lead SOIC
PRELIMINARY
May 1997
Pinouts
HC-5509A1 (PDIP, CDIP, SOIC)
TOP VIEW
C2
RF
TF
VFB
VTX
LAO
VRX
RFS
RING
VB-
BG
28
27
26
24
23
22
21
20
19
18
17
16
15
25
PR
RD
PRI
VB+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AG
RS
ILMT
OUT 1
-IN 1
TIP
F0
C1
F1
SHD
GKD
TST
ALM
TRUTH TABLE
F1
F0
ACTION
0
0
Normal Loop Feed
01
RD Active
1
0
Power Down Latch
RESET
1
0
Power on RESET
1
1
Loop Power
Denial Active
HC-5509A1 (PLCC)
TOP VIEW
15
14
13
12
11
10
9
8
7
17
16
N/C
F1
F0
ALM
N/C
N/C
RS
SHD
X
GKD
1
2
3
4
5
640
41
42
43
44
18 19 20 21 22 23 24 25 26 27 28
31
32
33
34
35
36
37
38
39
29
30
TF2
VFB
RD
DG
VTX
LAO
N/C
N/C
BG
PR
PRI
TST
N/C
HC-5509A1
SLIC
Subscriber Line Interface Circuit
File Number
3567.1
NOT
REC
OM
MEN
DED
FOR
NEW
DES
IGN
S
See
HC5
509
A1R
306
0
or c
onta
ct o
ur T
ech
nica
l Su
ppo
rt C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - HC1-5509A1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC1-5502B-5 INTERSIL-HC1-5502B-5 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC1-5502B-9 INTERSIL-HC1-5502B-9 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC1-5504B-5 INTERSIL-HC1-5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504B-9 INTERSIL-HC1-5504B-9 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC1-5504DLC-5 INTERSIL-HC1-5504DLC-5 Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
More results

Similar Description - HC1-5509A1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
   HM9903C SLIC(Subscriber Line Interface Circuit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com