Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC3-5509A1-5 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC3-5509A1-5
Description  SLIC Subscriber Line Interface Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC3-5509A1-5 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC3-5509A1-5 Datasheet HTML 2Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 3Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 4Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 5Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 6Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 7Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 8Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 9Page - Intersil Corporation HC3-5509A1-5 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8-139
HC-5509A1
Logic Diagram
THERMAL
SHUT DOWN
RMAL
T
WN
CH
KEY
A
B
C
INJ
A
B
C
RELAY
DRIVER
NOTE:
PRI is an independent switch driven by TTL input lev-


Similar Part No. - HC3-5509A1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC3-5502B-5 INTERSIL-HC3-5502B-5 Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
HC3-5502B-5 INTERSIL-HC3-5502B-5 Datasheet
603Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
logo
Renesas Technology Corp
HC3-5502B-5 RENESAS-HC3-5502B-5 Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC3-5502B1-5 INTERSIL-HC3-5502B1-5 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
HC3-5504B-5 INTERSIL-HC3-5504B-5 Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
More results

Similar Description - HC3-5509A1-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
HC-5509B INTERSIL-HC-5509B Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC5509A1R3060 INTERSIL-HC5509A1R3060 Datasheet
61Kb / 10P
   SLIC Subscriber Line Interface Circuit
June 1997
logo
Gunter Seniconductor Gm...
TFB3869 GSG-TFB3869 Datasheet
136Kb / 14P
   Subscriber Line Interface Circuit (SLIC)
logo
Intersil Corporation
HC-5502B1 INTERSIL-HC-5502B1 Datasheet
132Kb / 12P
   SLIC Subscriber Line Interface Circuit
April 1999
logo
List of Unclassifed Man...
HM9903C ETC1-HM9903C Datasheet
267Kb / 1P
   HM9903C SLIC(Subscriber Line Interface Circuit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com