Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1106IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA1106IP
Description  315MHz, Low Power, Video Operational Amplifier with Compensation Pin
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1106IP Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1106IP Datasheet HTML 1Page - Intersil Corporation HFA1106IP Datasheet HTML 2Page - Intersil Corporation HFA1106IP Datasheet HTML 3Page - Intersil Corporation HFA1106IP Datasheet HTML 4Page - Intersil Corporation HFA1106IP Datasheet HTML 5Page - Intersil Corporation HFA1106IP Datasheet HTML 6Page - Intersil Corporation HFA1106IP Datasheet HTML 7Page - Intersil Corporation HFA1106IP Datasheet HTML 8Page - Intersil Corporation HFA1106IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3-28
®
September 1998
HFA1106
315MHz, Low Power, Video Operational
Amplifier with Compensation Pin
Features
• Compensation Pin for Bandwidth Limiting
• Lower Lot-to-Lot Variability With External
Compensation
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 1M
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase . . . . . . . . . . . . . . . . . . 0.05 Degrees
• Wide -3dB Bandwidth . . . . . . . . . . . . . . . . . . . . 315MHz
• Very Fast Slew Rate. . . . . . . . . . . . . . . . . . . . . . 700V/
µs
• Low Supply Current. . . . . . . . . . . . . . . . . . . . . . . 5.8mA
• Gain Flatness (to 100MHz) . . . . . . . . . . . . . . . . .
±0.1dB
Applications
• Noise Critical Applications
• Professional Video Processing
• Medical Imaging
• Video Digitizing Boards/Systems
• Radar /IF Processing
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
• Flash A/D Drivers
• Oscilloscopes and Analyzers
Description
The HFA1106 is a high speed, low power current feedback
operational amplifier built with Intersil’s proprietary comple-
mentary bipolar UHF-1 process. This amplifier features a
compensation pin connected to the internal high impedance
node, which allows for implementation of external clamping
or bandwidth limiting.
Bandwidth limiting is accomplished by connecting a capaci-
tor (CCOMP) and series damping resistor (RCOMP) from pin
8 to ground. Amplifier performance for various values of
CCOMP is documented in the Electrical Specifications.
The HFA1106 is ideal for noise critical wideband applica-
tions. Not only can the bandwidth be limited to minimize
broadband noise, the HFA1106 is optimized for lower feed-
back resistors (RF = 100Ω for AV = +2) than most current
feedback amplifiers. The low feedback resistor reduces the
inverting input noise current contribution to total output
noise, while reducing DC errors as well. Please see the
“Application Information” section for details.
Pinout
HFA1106
(PDIP, SOIC)
TOP VIEW
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1106IP
-40 to 85
8 Ld PDIP
E8.3
HFA1106IB
(H1106I)
-40 to 85
8 Ld SOIC
M8.15
HFA11XXEVAL
DIP Evaluation Board for High Speed
Op Amps
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
COMP
V+
OUT
NC
+
-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
File Number
3922.2
OBS
OLE
TE P
ROD
UCT
REC
OM
MEN
DED
REP
LAC
EME
NT
HFA
110
2, H
FA1
105
or c
onta
ct o
ur T
ech
nica
l Su
ppo
rt C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - HFA1106IP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HFA1106IP HARRIS-HFA1106IP Datasheet
891Kb / 14P
   315MHz, Low Power Video Operational Amplifier with Compensation Pin
More results

Similar Description - HFA1106IP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HFA1106 HARRIS-HFA1106 Datasheet
891Kb / 14P
   315MHz, Low Power Video Operational Amplifier with Compensation Pin
logo
Intersil Corporation
HFA1135 INTERSIL-HFA1135_06 Datasheet
421Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
HFA1135 INTERSIL-HFA1135 Datasheet
220Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
June 2000
logo
Renesas Technology Corp
HFA1135 RENESAS-HFA1135 Datasheet
808Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
logo
Intersil Corporation
HFA1135IB INTERSIL-HFA1135IB Datasheet
424Kb / 15P
   360MHz, Low Power, Video Operational Amplifier with Output Limiting
January 23, 2006
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
HFA1205 INTERSIL-HFA1205_04 Datasheet
557Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com