Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V120ZA20 Datasheet(PDF) 4 Page - Littelfuse

Part # V120ZA20
Description  Varistor Products - Low to Medum Voltage, Radial Lead
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V120ZA20 Datasheet(HTML) 4 Page - Littelfuse

  V120ZA20 Datasheet HTML 1Page - Littelfuse V120ZA20 Datasheet HTML 2Page - Littelfuse V120ZA20 Datasheet HTML 3Page - Littelfuse V120ZA20 Datasheet HTML 4Page - Littelfuse V120ZA20 Datasheet HTML 5Page - Littelfuse V120ZA20 Datasheet HTML 6Page - Littelfuse V120ZA20 Datasheet HTML 7Page - Littelfuse V120ZA20 Datasheet HTML 8Page - Littelfuse V120ZA20 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
70
www .littelfuse .com
Varistor Products
ZA Varistor Series
Low to Medum Voltage, Radial Lead
Device Ratings and Specifications (Note1) (Continued)
V120ZA05
5
Z120
75
102
3
400
108
138
205
5
140
V120ZA1
7
120Z
75
102
6
1200
108
132
205
10
300
V120ZA4
10
120Z4
75
102
12
2500
108
132
200
25
750
V120ZA6
14
120Z6
75
102
22
4500
108
132
210
50
1700
V120ZA20
20
120Z20
75
102
33
6500
108
132
210
100
1500
V150ZA05
5
Z150
92
127
4
400
135
173
250
5
120
V150ZA1
7
Z051
95
127
8
1200
135
165
250
10
250
V150ZA4
10
150Z4
95
127
15
2500
135
165
250
25
600
V150ZA8
14
150Z8
95
127
20
4500
135
165
250
50
1400
V150ZA20
20
150Z20
95
127
45
6500
135
165
250
100
1000
V180ZA05
5
Z180
110
153
5
400
162
207
295
5
100
V180ZA1
7
180Z
115
153
10
1200
162
198
300
10
200
V180ZA5
10
180Z5
115
153
18
2500
162
198
300
25
500
V180ZA10
14
180Z10
115
153
35
4500
162
198
300
50
1100
V180ZA20
20
180Z20
115
153
52
6500
162
198
300
100
2400
V205ZA05
5
Z205
130
170
5.5
400
184
226
340
5
100
V220ZA05
5
Z220
140
180
6
400
198
253
360
5
90
V240ZA05
5
Z240
150
200
7
400
216
264
395
5
80
V270ZA05
5
Z270
175
225
7.5
400
243
311
455
5
70
V330ZA05
5
Z330
210
275
9
400
297
380
540
5
60
V360ZA05
5
Z360
230
300
9.5
400
324
396
595
5
55
V390ZA05
5
Z390
250
330
10
400
351
449
650
5
50
V430ZA05
5
Z430
275
369
11
400
387
495
710
5
45
V470ZA05
5
Z470
300
385
12
400
420
517
775
5
35
V620ZA05
5
Z620
385
505
13
400
558
682
1025
5
33
V680ZA05
5
Z680
420
560
14
400
610
748
1120
5
32
V715ZA05
5
Z715
440
585
15.5
400
643
787
1180
5
31
V750ZA05
5
Z750
460
615
17
400
675
825
1240
5
30
NOTES:
1. Average power dissipation of transients not to exceed 0.2W, 0.25W, 0.4W, 0.6W or 1W for model sizes 5mm, 7mm, 10mm, 14mm and 20mm,
respectively.
2. Energy rating for impulse duration of 30ms minimum to one half of peak current (auto load dump).
3. 10mA DC test current.
4. Also rated to withstand 24V for 5 minutes.
5. Higher voltages available, contact Littelfuse.
Recognized to UL1449, “Transient Voltage Surge Suppressors” File #E75961.
PART
NUMBER
MODEL
SIZE
DISC
DIA. (mm)
BRANDING
MAXIMUM RATING (85 oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLT-
AGE AT 1mA DC
TEST CURRENT
MAXIMUM
CLAMPING
VOLTAGE
8 x 20
µs
TYPICAL
CAPACI-
TANCE
f = 1MHz
VRMS
VDC
ENERGY 10
x 1000
µs
PEAK
CURRENT
8 x 20
µs
VM(AC)
VM(DC)
WTM
ITM
VNOM
MIN
VNOM
MAX
VC
IPK
C
(V)
(V)
(J)
(A)
(V)
(V)
(A)
(pF)
V120ZA05PPZ120
V120ZA1PP120Z
V120ZA4PP120Z4
V120ZA6PP120Z6
V120ZA20PP120Z20
V150ZA05PPZ150
V150ZA1PPZ051
V150ZA4PP150Z4
V150ZA8PP150Z8
V150ZA20PP150Z20
V180ZA05PPZ180
V180ZA1PP180Z
V180ZA5PP180Z5
V180ZA10PP180Z10
V180ZA20PP180Z20
V205ZA05PPZ205
V220ZA05PPZ220
V240ZA05PPZ240
V270ZA05PPZ270
V330ZA05PPZ330
V360ZA05PPZ360
V390ZA05PPZ390
V430ZA05PPZ430
V470ZA05PPZ470
V620ZA05PPZ620
V680ZA05PPZ680
V715ZA05PPZ715
V750ZA05PPZ750
PART
NUMBER
BRANDING
LEAD-FREE
AND RoHS
COMPLIANT
MODELS
STANDARD
MODELS
Pb
RoHS
Pb
RoHS


Similar Part No. - V120ZA20

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
V120ZA20 HARRIS-V120ZA20 Datasheet
423Kb / 12P
   Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
logo
Littelfuse
V120ZA20P LITTELFUSE-V120ZA20P Datasheet
825Kb / 13P
   Radial Lead Varistors
V120ZA20P LITTELFUSE-V120ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V120ZA20P LITTELFUSE-V120ZA20P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V120ZA20P LITTELFUSE-V120ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
More results

Similar Description - V120ZA20

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V33ZS1P LITTELFUSE-V33ZS1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V130LA1P LITTELFUSE-V130LA1P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V18MA1A LITTELFUSE-V18MA1A Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Socay Electornics Co., ...
05D101K SOCAY-05D101K Datasheet
303Kb / 4P
   Radial Lead Varistor (MOV)
14D180K SOCAY-14D180K Datasheet
309Kb / 4P
   Radial Lead Varistor (MOV)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com