Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V625LA10 Datasheet(PDF) 11 Page - Littelfuse

Part # V625LA10
Description  Varistor Products - Line Voltage Operation, Radial Lead
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V625LA10 Datasheet(HTML) 11 Page - Littelfuse

Back Button V625LA10 Datasheet HTML 3Page - Littelfuse V625LA10 Datasheet HTML 4Page - Littelfuse V625LA10 Datasheet HTML 5Page - Littelfuse V625LA10 Datasheet HTML 6Page - Littelfuse V625LA10 Datasheet HTML 7Page - Littelfuse V625LA10 Datasheet HTML 8Page - Littelfuse V625LA10 Datasheet HTML 9Page - Littelfuse V625LA10 Datasheet HTML 10Page - Littelfuse V625LA10 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
66
www .littelfuse .com
Varistor Products
LA Varistor Series
Line Voltage Operation, Radial Lead
Additional Lead Style Options
Radial lead types can be supplied with combination preformed crimp and
trimmed leads. This option is supplied to the dimensions shown.
*SEATING
PLANE
L
TRIM
A
*Seating plane interpretation per IEC-717
CRIMPED AND TRIMMED LEAD
SYMBOL
VARISTOR MODEL SIZE
7mm
10mm
14mm
20mm
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A-
-
15
(0.591)
-
-
19.5 (0.768)
-
-
22.5 (0.886)
-
-
29.0 (1.142)
LTRIM
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
NOTE: Dimensions in millimeters, inches in parentheses.
• To order this crimped and trimmed lead style, standard radial type
model numbers are changed by replacing the model letter “A” with “C”.
Example:
For crimped leads without trimming and any variations to the above,
contact Littelfuse.
• For 10/±1mm lead spacing on 20mm diameter models only; append
standard model numbers by adding “X10”.
Example:
STANDARD CATALOG
MODEL
ORDER AS:
V130LA20A
V130LA20AX10
VARISTOR
VM(AC)
130V to 1,000V
CLAMP VOLTAGE VARIANT
(Where Applicable)
SERIES DESIGNATOR/
LEAD STYLE DESIGNATOR
LC = Crimped and Clipped
LS = Straight
LT = Crimped
LU = Under Crimped
V XXX LA XX X
RELATIVE ENERGY INDICATOR
(One or Two Digits)
P: LEAD-FREE AND RoHS
COMPLIANT OPTION
P + Optional Suffix
Other Options
Base Part #
Ordering Information
LA series Varistors are shipped standard in bulk pack with straight leads
and lead spacing outlined in the package dimensions on page 4-13.
Contact your Littelfuse sales representative to discuss the non-standard
options outlined below.
For Lead-free and RoHS compliant parts add the letter ‘P’ after the base
part number and before any option as shown in the ordering example
below.
ex: V130LA2P
V420LA20APX1347
LA series varistors for Hi-Temperature operating conditions:
• Phenolic Coated LA Series devices are available with improved maxi-
mum operating maximum temperature 125°C.
• These devices also have improved temperature cycling performance
capability.
• Ratings and Specifications are as per standard LA Series except Hi-Pot
encapsulation Isolation Voltage Capability = 500V.
• To order: add X1347 to part number (e.g. V230LA20AX1347)
• Marked identifier will contain 'P' to denote Phenolic.
• These devices are not UL, CSA, VDE or CECC certified.
• Contact factory for further details.
Pb
RoHS


Similar Part No. - V625LA10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V625LA10 LITTELFUSE-V625LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V625LA10 LITTELFUSE-V625LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V625LA10 LITTELFUSE-V625LA10 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V625LA10P LITTELFUSE-V625LA10P Datasheet
833Kb / 13P
   Radial Lead Varistors
V625LA10P LITTELFUSE-V625LA10P Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V625LA10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V320LS20A LITTELFUSE-V320LS20A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V175LS5 LITTELFUSE-V175LS5 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V575LS80 LITTELFUSE-V575LS80 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
logo
Vicor Corporation
03040 VICOR-03040 Datasheet
100Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
20461 VICOR-20461 Datasheet
96Kb / 1P
   VARISTOR, RADIAL LEAD MOV, LINE-VOLTAGE
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V07E130P LITTELFUSE-V07E130P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com