Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3101B Datasheet(PDF) 1 Page - Intersil Corporation

Part # HFA3101B
Description  Gilbert Cell UHF Transistor Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3101B Datasheet(HTML) 1 Page - Intersil Corporation

  HFA3101B Datasheet HTML 1Page - Intersil Corporation HFA3101B Datasheet HTML 2Page - Intersil Corporation HFA3101B Datasheet HTML 3Page - Intersil Corporation HFA3101B Datasheet HTML 4Page - Intersil Corporation HFA3101B Datasheet HTML 5Page - Intersil Corporation HFA3101B Datasheet HTML 6Page - Intersil Corporation HFA3101B Datasheet HTML 7Page - Intersil Corporation HFA3101B Datasheet HTML 8Page - Intersil Corporation HFA3101B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN3663.5
HFA3101
Gilbert Cell UHF Transistor Array
The HFA3101 is an all NPN transistor array configured as a
Multiplier Cell. Based on Intersil’s bonded wafer UHF-1 SOI
process, this array achieves very high fT (10GHz) while
maintaining excellent hFE and VBE matching characteristics
that have been maximized through careful attention to circuit
design and layout, making this product ideal for
communication circuits. For use in mixer applications, the
cell provides high gain and good cancellation of 2nd order
distortion terms.
Pinout
HFA3101
(SOIC)
TOP VIEW
Features
Pb-free Available as an Option
• High Gain Bandwidth Product (fT) . . . . . . . . . . . . . 10GHz
• High Power Gain Bandwidth Product . . . . . . . . . . . . 5GHz
• Current Gain (hFE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
• Low Noise Figure (Transistor) . . . . . . . . . . . . . . . . . 3.5dB
• Excellent hFE and VBE Matching
• Low Collector Leakage Current . . . . . . . . . . . . . . <0.01nA
• Pin to Pin Compatible to UPA101
Applications
• Balanced Mixers
• Multipliers
• Demodulators/Modulators
• Automatic Gain Control Circuits
• Phase Detectors
• Fiber Optic Signal Processing
• Wireless Communication Systems
• Wide Band Amplification Stages
• Radio and Satellite Communications
• High Performance Instrumentation
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HFA3101B
(H3101B)
-40 to 85
8 Ld SOIC
M8.15
HFA3101BZ
(H3101B) (Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
HFA3101B96
(H3101B)
-40 to 85
8 Ld SOIC Tape
and Reel
M8.15
HFA3101BZ96
(H3101B) (Note)
-40 to 85
8 Ld SOIC Tape
and Reel (Pb-free)
M8.15
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020C.
Q5
Q6
Q1 Q2
Q3 Q4
NOTE: Q5 and Q6 - 2 Paralleled 3µm x 50µm Transistors
Q1, Q2, Q3, Q4 - Single 3µm x 50µm Transistors
Data Sheet
September 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 1998, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - HFA3101B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101B INTERSIL-HFA3101B Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101B RENESAS-HFA3101B Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Intersil Corporation
HFA3101B96 INTERSIL-HFA3101B96 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101B96 RENESAS-HFA3101B96 Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Intersil Corporation
HFA3101BZ INTERSIL-HFA3101BZ Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
More results

Similar Description - HFA3101B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101_04 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Fujitsu Component Limit...
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
   Standard cell array
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
   Logic Cell Array Family
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Xilinx, Inc
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
   XC3000 Logic Cell Array Families
logo
Siemens Semiconductor G...
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
   The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com