Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3101B Datasheet(PDF) 4 Page - Intersil Corporation

Part # H3101B
Description  Gilbert Cell UHF Transistor Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

H3101B Datasheet(HTML) 4 Page - Intersil Corporation

  H3101B Datasheet HTML 1Page - Intersil Corporation H3101B Datasheet HTML 2Page - Intersil Corporation H3101B Datasheet HTML 3Page - Intersil Corporation H3101B Datasheet HTML 4Page - Intersil Corporation H3101B Datasheet HTML 5Page - Intersil Corporation H3101B Datasheet HTML 6Page - Intersil Corporation H3101B Datasheet HTML 7Page - Intersil Corporation H3101B Datasheet HTML 8Page - Intersil Corporation H3101B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
2.8E+09
0.17
-101.15
7.31E-02
8.01
2.02
87.15
0.33
-85.68
2.9E+09
0.16
-102.15
7.32E-02
7.57
1.96
86.33
0.33
-86.37
3.0E+09
0.16
-103.11
7.32E-02
7.16
1.89
85.54
0.33
-87.05
VCE = 5V and IC = 10mA
1.0E+08
0.72
-16.43
1.27E-02
75.41
15.12
165.22
0.95
-14.26
2.0E+08
0.67
-31.26
2.34E-02
62.89
13.90
152.04
0.88
-26.95
3.0E+08
0.60
-43.76
3.13E-02
52.58
12.39
141.18
0.79
-37.31
4.0E+08
0.53
-54.00
3.68E-02
44.50
10.92
132.57
0.70
-45.45
5.0E+08
0.47
-62.38
4.05E-02
38.23
9.62
125.78
0.63
-51.77
6.0E+08
0.42
-69.35
4.31E-02
33.34
8.53
120.37
0.57
-56.72
7.0E+08
0.37
-75.26
4.49E-02
29.47
7.62
116.00
0.51
-60.65
8.0E+08
0.34
-80.36
4.63E-02
26.37
6.86
112.39
0.47
-63.85
9.0E+08
0.31
-84.84
4.72E-02
23.84
6.22
109.36
0.44
-66.49
1.0E+09
0.29
-88.83
4.80E-02
21.75
5.69
106.77
0.41
-68.71
1.1E+09
0.27
-92.44
4.86E-02
20.00
5.23
104.51
0.39
-70.62
1.2E+09
0.25
-95.73
4.90E-02
18.52
4.83
102.53
0.37
-72.28
1.3E+09
0.24
-98.75
4.94E-02
17.25
4.49
100.75
0.35
-73.76
1.4E+09
0.22
-101.55
4.97E-02
16.15
4.19
99.16
0.34
-75.08
1.5E+09
0.21
-104.15
4.99E-02
15.19
3.93
97.70
0.33
-76.28
1.6E+09
0.20
-106.57
5.01E-02
14.34
3.70
96.36
0.32
-77.38
1.7E+09
0.20
-108.85
5.03E-02
13.60
3.49
95.12
0.31
-78.41
1.8E+09
0.19
-110.98
5.05E-02
12.94
3.30
93.96
0.31
-79.37
1.9E+09
0.18
-113.00
5.06E-02
12.34
3.13
92.87
0.30
-80.27
2.0E+09
0.18
-114.90
5.07E-02
11.81
2.98
91.85
0.30
-81.13
2.1E+09
0.17
-116.69
5.08E-02
11.33
2.84
90.87
0.30
-81.95
2.2E+09
0.17
-118.39
5.09E-02
10.89
2.72
89.94
0.29
-82.74
2.3E+09
0.16
-120.01
5.10E-02
10.50
2.60
89.06
0.29
-83.50
2.4E+09
0.16
-121.54
5.11E-02
10.13
2.49
88.21
0.29
-84.24
2.5E+09
0.16
-122.99
5.12E-02
9.80
2.39
87.39
0.29
-84.95
2.6E+09
0.15
-124.37
5.12E-02
9.49
2.30
86.60
0.29
-85.64
2.7E+09
0.15
-125.69
5.13E-02
9.21
2.22
85.83
0.29
-86.32
2.8E+09
0.15
-126.94
5.13E-02
8.95
2.14
85.09
0.29
-86.98
2.9E+09
0.15
-128.14
5.14E-02
8.71
2.06
84.36
0.29
-87.62
3.0E+09
0.14
-129.27
5.15E-02
8.49
1.99
83.66
0.29
-88.25
Common Emitter S-Parameters of 3
µm x 50µm Transistor (Continued)
FREQ. (Hz)
|S11|
PHASE(S11)|S12|
PHASE(S12)|S21|
PHASE(S21)|S22|PHASE(S22)
HFA3101


Similar Part No. - H3101B

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H310 IVO-H310 Datasheet
448Kb / 4P
   Totalizers mechanic
H310.010A01A IVO-H310.010A01A Datasheet
448Kb / 4P
   Totalizers mechanic
H310.010A01B IVO-H310.010A01B Datasheet
448Kb / 4P
   Totalizers mechanic
logo
Hi-Sincerity Mocroelect...
H31002P HSMC-H31002P Datasheet
42Kb / 4P
   BIPOLAR TONE RINGER ICS
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
More results

Similar Description - H3101B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101_04 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Fujitsu Component Limit...
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
   Standard cell array
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
   Logic Cell Array Family
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Xilinx, Inc
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
   XC3000 Logic Cell Array Families
logo
Siemens Semiconductor G...
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
   The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com