Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3101B96 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA3101B96
Description  Gilbert Cell UHF Transistor Array
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3101B96 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA3101B96 Datasheet HTML 4Page - Intersil Corporation HFA3101B96 Datasheet HTML 5Page - Intersil Corporation HFA3101B96 Datasheet HTML 6Page - Intersil Corporation HFA3101B96 Datasheet HTML 7Page - Intersil Corporation HFA3101B96 Datasheet HTML 8Page - Intersil Corporation HFA3101B96 Datasheet HTML 9Page - Intersil Corporation HFA3101B96 Datasheet HTML 10Page - Intersil Corporation HFA3101B96 Datasheet HTML 11Page - Intersil Corporation HFA3101B96 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3-11
Typical Performance Curves for Transistors
FIGURE 14. IC vs VCE
FIGURE 15. HFE vs IC
FIGURE 16. GUMMEL PLOT
FIGURE 17. fT vs IC
FIGURE 18. GAIN AND NOISE FIGURE vs FREQUENCY
NOTE: Figures 14 through 18 are only for Q5 and Q6.
VCE (V)
02.0
6.0
4.0
0
70
60
50
40
30
20
10
IB = 800µA
IB = 1mA
IB = 200µA
IB = 400µA
IB = 600µA
IC (A)
10-10
10-8
10-6
10-4
10-2
100
140
120
100
80
60
40
20
0
VCE = 5V
VBE (V)
10-10
10-8
10-6
10-4
10-2
100
10-12
0.20
0.40
0.60
0.80
1.0
VCE = 3V
IC (A)
12
10
8
6
4
2
0
10-4
10-3
10-2
10-1
20
18
16
14
12
10
4
6
FREQUENCY (GHz)
0.5
1.5
1.0
2.0
02.5
3.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
8
HFA3101


Similar Part No. - HFA3101B96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101B96 INTERSIL-HFA3101B96 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101B96 RENESAS-HFA3101B96 Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
More results

Similar Description - HFA3101B96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3101 INTERSIL-HFA3101_04 Datasheet
809Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Renesas Technology Corp
HFA3101 RENESAS-HFA3101 Datasheet
724Kb / 12P
   Gilbert Cell UHF Transistor Array
logo
Fujitsu Component Limit...
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
   Standard cell array
logo
Xilinx, Inc
XC3000A XILINX-XC3000A Datasheet
52Kb / 8P
   Logic Cell Array Family
logo
Epson Company
S1K70000 EPSON-S1K70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
S1X70000 EPSON-S1X70000 Datasheet
5Mb / 379P
   STANDARD CELL / EMBEDDED ARRAY
logo
Xilinx, Inc
XC3000FM XILINX-XC3000FM Datasheet
473Kb / 50P
   XC3000 Logic Cell Array Families
logo
Siemens Semiconductor G...
PMB2331 SIEMENS-PMB2331 Datasheet
556Kb / 21P
   The mixer used in this design is a general purpose up-/downconversion gilbert cell mixer
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com