Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3861AIN Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA3861AIN
Description  Direct Sequence Spread Spectrum Baseband Processo
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3861AIN Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA3861AIN Datasheet HTML 7Page - Intersil Corporation HFA3861AIN Datasheet HTML 8Page - Intersil Corporation HFA3861AIN Datasheet HTML 9Page - Intersil Corporation HFA3861AIN Datasheet HTML 10Page - Intersil Corporation HFA3861AIN Datasheet HTML 11Page - Intersil Corporation HFA3861AIN Datasheet HTML 12Page - Intersil Corporation HFA3861AIN Datasheet HTML 13Page - Intersil Corporation HFA3861AIN Datasheet HTML 14Page - Intersil Corporation HFA3861AIN Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
11
as received from the control processor. Some dummy bits
will be appended to the end of the packet to insure an
orderly shutdown of the transmitter. This prevents
spectrum splatter. At the end of a packet, the external
controller is expected to de-assert the TX_PE line to shut
the transmitter down.
Scrambler and Data Encoder Description
The modulator has a data scrambler that implements the
scrambling algorithm specified in the IEEE 802.11 standard.
This scrambler is used for the preamble, header, and data in
all modes. The data scrambler is a self synchronizing circuit.
It consists of a 7-bit shift register with feedback from
specified taps of the register. Both transmitter and receiver
use the same scrambling algorithm. The scrambler can be
disabled by setting CR32 bit 2 to 1.
NOTE: Be advised that the IEEE 802.11 compliant scrambler in the
HFA3861A has the property that it can lock up (stop scrambling) on
random data followed by repetitive bit patterns. The probability of this
happening is 1/128. The patterns that have been identified are all
zeros, all ones, repeated 10s, repeated 1100s, and repeated
111000s. Any break in the repetitive pattern will restart the
scrambler. To insure that this does not cause any problem, the CCK
waveform uses a ping pong differential coding scheme that breaks
up repetitive 0s patterns.
PREAMBLE (SYNC)
128/56 BITS
SFD
16 BITS
SIGNAL FIELD
8 BITS
SERVICE FIELD
8 BITS
LENGTH FIELD
16 BITS
CRC16
16 BITS
HEADER
PREAMBLE
FIGURE 8. 802.11 PREAMBLE/HEADER
HFA3861A


Similar Part No. - HFA3861AIN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3861BIN INTERSIL-HFA3861BIN Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3861BIN96 INTERSIL-HFA3861BIN96 Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3861IV INTERSIL-HFA3861IV Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
More results

Similar Description - HFA3861AIN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com