Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA5253CB Datasheet(PDF) 6 Page - Harris Corporation

Part # HFA5253CB
Description  800MHz, Ultra High-Speed Monolithic Pin Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HFA5253CB Datasheet(HTML) 6 Page - Harris Corporation

Back Button HFA5253CB Datasheet HTML 2Page - Harris Corporation HFA5253CB Datasheet HTML 3Page - Harris Corporation HFA5253CB Datasheet HTML 4Page - Harris Corporation HFA5253CB Datasheet HTML 5Page - Harris Corporation HFA5253CB Datasheet HTML 6Page - Harris Corporation HFA5253CB Datasheet HTML 7Page - Harris Corporation HFA5253CB Datasheet HTML 8Page - Harris Corporation HFA5253CB Datasheet HTML 9Page - Harris Corporation HFA5253CB Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
94
The ultra high speed performance of the HFA5253 is a result
of UHF1 process leverages: low parasitic collector-to-
substrate capacitance of the bonded wafer, low collector-to-
base parasitic capacitance of the self-aligned base/emitter
technology and ultra high fT NPN (8GHz) and PNP (5.5GHz)
poly-silicon transistors.
Definition of Terms
VOH AND VOL
Output High Voltage and Output Low Voltage. VOH is the
voltage at VOUT when the HIZ input is low and the DATA
input is high. VOL is the voltage at VOUT when HIZ is low and
DATA is low. The VOH and VOL levels are set with the VHIGH
and VLOW inputs respectively.
OFFSET VOLTAGE
Offset Voltage is the DC error between the voltage placed on
VHIGH or VLOW and the resulting VOH and VOL. VHIGH
Offset Voltage Error is obtained by measuring VOH with
VHIGH set to 0V and VLOW set to -2.5V to minimize
interaction effects. VLOW Offset Voltage Error is the
measurement of VOL with VLOW set to 0V and VHIGH set to
+7.5V.
GAIN
Gain is defined as the ratio of output voltage change to
input voltage change for a defined range. VHIGH Gain is
calculated with the following equation with VLOW fixed at
-2.5V:
VLOW Gain is calculated in a similar manner:
VHIGH is held fixed at 7.5V. These Gain calculations minimize
the effects of Interaction and End Point Nonlinearities.
LINEARITY ERROR
Linearity Error is a measure of output voltage worst case
deviation from a straight line that has been corrected for
offset and 7.5V Gain. Linearity Error is given as a
percentage of fullscale and is done in two ranges, 5V and
10.5V. DATA is measure at 0.5V steps from -2.5V to 8V for
VHIGH and -3V to 7.5V for VLOW. The Linearity Error
equation is as follows for 10.5V fullscale:
The Linearity Error equation is as follows for 5V fullscale:
Linearity Error is calculated for every data point in the range
and the worst case value is recorded.
VHIGH TO VLOW INTERACTION
VHIGH to VLOW Interaction is the change in VOUT (the
active channel) due to the inactive channel. VHIGH
Interaction is measured as the change in VOH from 1V as
VLOW is moved from 0V to 750mV (VLOW is corrected for
gain and offset errors). VLOW Interaction is measured as
the change in VOL from 0V as VHIGH is moved from 1V to
250mV (with VHIGH corrected for gain and offset errors).
The minimum recommended difference between VHIGH
and VLOW for the HFA5253 is 250mV.
Speed Advantage
Harris Pin Drivers on bonded-wafer technology definitely have
a speed advantage, coming from the low collector-to-
substrate capacitance and the high fT of the transistors. In
addition, the patented switching stage which fits uniquely to
Harris’ UHF1 process is another big contributor for the high
speed. This switching circuitry requires low series-resistance
NPN and PNP transdiodes available in UHF1. The rise and
fall times of the pin driver are largely determined by the slew
rate at the node VSO in the Schematic. The dominant
mechanism for the slew rate is the charging/discharging of the
collector-base capacitors of the transistors connected to the
node VSO. The charging/discharging currents are coming
from the switching stage current sources. The fast rise and fall
times are achieved because of the negligible collector-to-
substrate capacitance and the small base-collector
capacitance due to the self-aligned recessed oxide [2].
The DATA/DATA differential stage is not a factor for the speed if
its current sources have enough current not to bottleneck the
transient. However it should be noted that the propagation
delay mismatch is determined by this stage. Sufficient current is
allocated to the differential stage current sources to best match
the low-to-high and high-to-low transient propagation delays.
The specified load condition is a 16 inch 50
Ω SMA cable with a
5pF capacitor at the end of the cable. This load simulates a
typical ATE environment for a DUT (Device Under Test) with
high impedance (>1k
Ω) digital inputs. The rise/fall time for
HFA5253 with 5VP-P is typically 1.3ns. Pin drivers, built out of
the same circuit structure as shown in the Schematic, can be
made faster by trimming for a higher power supply current.
Currently the pin driver has rise/fall times of less than 1ns (10%
to 90% of 5VP-P) when ICC is trimmed to 125mA. Further
speed enhancement will be made if there is a market demand.
Basic ATE System Application
Figure 1 shows a pin driver in a typical per-pin ATE system. The
pin driver works closely with the Dual-Level Comparator and
the Active Load. When the DUT pin acts as an input waiting for
a series of digital signals, the pin driver becomes active with a
logic “0” applied on the HIZ pin and provides the DUT pin with
digital signals. When the DUT pin acts as an output, the pin
driver output will be in high impedance mode (HIZ) with a logic
V
HIGHGAIN
V
OH VHIGHat 6.5V
() V
OH VHIGHat -1V
()
7.5
------------------------------------------------------------------------------------------------------------------
=
V
LOWGAIN
V
OL VLOWat 6V
() V
OL VLOWat -1.5V
()
7.5
-------------------------------------------------------------------------------------------------------------
=
Linearity Error
V
OUT
V
OUT ID EAL
()
10.5
--------------------------------------------------------------
=
V
OUT IDE AL
()
V
IN
Gain
×
Offset
+
=
Linearity Error
V
OUT
V
OUT ID EAL
()
5
--------------------------------------------------------------
=
HFA5253


Similar Part No. - HFA5253CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
HFA5250CB INTERSIL-HFA5250CB Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
More results

Similar Description - HFA5253CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA5251 INTERSIL-HFA5251 Datasheet
137Kb / 10P
   800MHz Monolithic Pin Driver
September 1998
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
   500MHz, Ultra High Speed Monolithic Pin Driver
EL7154 INTERSIL-EL7154 Datasheet
281Kb / 8P
   High Speed, Monolithic Pin Driver
EL1056A INTERSIL-EL1056A Datasheet
479Kb / 12P
   Monolithic High-Speed Pin Driver
logo
Renesas Technology Corp
EL7154 RENESAS-EL7154 Datasheet
500Kb / 9P
   High Speed, Monolithic Pin Driver
logo
Elantec Semiconductor
EL1056AC ELANTEC-EL1056AC Datasheet
311Kb / 16P
   Monolithic High-Speed Pin Driver
logo
Intersil Corporation
EL7154CN INTERSIL-EL7154CN Datasheet
278Kb / 8P
   High Speed, Monolithic Pin Driver
September 7, 2010
logo
A-Data Technology
DDR2 A-DATA-DDR2 Datasheet
372Kb / 2P
   High speed up to 800MHz
logo
Intersil Corporation
EL2021 INTERSIL-EL2021 Datasheet
363Kb / 8P
   Monolithic Pin Driver
EL7158 INTERSIL-EL7158 Datasheet
199Kb / 9P
   Ultra-High Current Pin Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com