Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1110883 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HFA1110883
Description  750MHz, Low Distortion 750MHz, Low Distortion
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1110883 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HFA1110883 Datasheet HTML 4Page - Intersil Corporation HFA1110883 Datasheet HTML 5Page - Intersil Corporation HFA1110883 Datasheet HTML 6Page - Intersil Corporation HFA1110883 Datasheet HTML 7Page - Intersil Corporation HFA1110883 Datasheet HTML 8Page - Intersil Corporation HFA1110883 Datasheet HTML 9Page - Intersil Corporation HFA1110883 Datasheet HTML 10Page - Intersil Corporation HFA1110883 Datasheet HTML 11Page - Intersil Corporation HFA1110883 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
HFA1110/883
FIGURE 15. SETTLING RESPONSE (VOUT = 1V)
FIGURE 16. OVERSHOOT vs INPUT RISETIME
FIGURE 17. INTEGRAL LINEARITY ERROR
FIGURE 18. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 19. SUPPLY CURRENT vs TEMPERATURE
FIGURE 20. BIAS CURRENT vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RL = 100Ω. Unless Otherwise Specified. (Continued)
TIME (ns)
-5
0
5
10
15
20
25
30
35
40
45
0
-0.2
-0.4
-0.8
0.2
0.4
0.8
VO = 2.0VP-P
VO = 1.0VP-P
VO = 0.5VP-P
21
18
15
12
9
6
3
200
300
400
500
600
700
800
900
1000
INPUT RISE TIME (ps)
0
+0.04
+0.02
0
-0.02
-3.0
-2.0
-1.0
0
+1.0
+2.0
+3.0
INPUT VOLTAGE (V)
-0.04
RL = 1kΩ
RL = 100Ω
RL = 200Ω
TOTAL SUPPLY VOLTAGE (V+ - V-, V)
22
17
15
13
11
59
9
7
5
678
10
21
20
19
6
8
10
12
14
16
18
25
24
23
22
21
20
19
18
17
-60
-40
-20
0
+20
+40
+60
+80
+100 +120
TEMPERATURE (oC)
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
-60
-40
-20
0
+20
+40
+60
+80
+100 +120
TEMPERATURE (oC)
Spec Number
511083-883


Similar Part No. - HFA1110883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
HFA1110 INTERSIL-HFA1110 Datasheet
184Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Intersil Corporation
HFA1110EVAL INTERSIL-HFA1110EVAL Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
HFA1110EVAL INTERSIL-HFA1110EVAL Datasheet
184Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
More results

Similar Description - HFA1110883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
SIPAT Co,Ltd
SP75001 SIPAT-SP75001 Datasheet
156Kb / 4P
   750MHz Low-loss SAW Filter 50MHz Bandwidth
logo
MOSA ELECTRONICS
MS6309 MOSA-MS6309 Datasheet
1,007Kb / 9P
   Low distortion
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011163 MA-COM-MAAM-011163 Datasheet
1Mb / 9P
   Low Distortion Performance
logo
IK Semicon Co., Ltd
KL2822M IKSEMICON-KL2822M Datasheet
300Kb / 10P
   Low Crossover Distortion
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
   LOW INTERMODULATION DISTORTION
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com