Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1GT50DTT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC1GT50DTT1
Description  Noninverting Buffer / CMOS Logic Level Shifter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1GT50DTT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC1GT50DTT1 Datasheet HTML 1Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 2Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 3Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 4Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 5Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 6Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 7Page - ON Semiconductor MC74VHC1GT50DTT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
March, 2003 - Rev. 11
1
Publication Order Number:
MC74VHC1GT50/D
MC74VHC1GT50
Noninverting Buffer /
CMOS Logic Level Shifter
with TTL-Compatible Inputs
The MC74VHC1GT50 is a single gate noninverting buffer fabricated
with silicon gate CMOS technology. It achieves high speed operation
similar to equivalent Bipolar Schottky TTL while maintaining CMOS
low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The device input is compatible with TTL- type input thresholds and the
output has a full 5 V CMOS level output swing. The input protection
circuitry on this device allows overvoltage tolerance on the input,
allowing the device to be used as a logic- level translator from 3.0 V
CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V
CMOS Logic while operating at the high- voltage power supply.
The MC74VHC1GT50 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT50 to be used to interface high voltage to low
voltage circuits. The output structures also provide protection when
VCC = 0 V. These input and output structures help prevent device
destruction caused by supply voltage - input/output voltage mismatch,
battery backup, hot insertion, etc.
Designed for 1.65 V to 5.5 V
CC Operation
High Speed: t
PD = 3.5 ns (Typ) at VCC = 5 V
Low Power Dissipation: I
CC = 1
mA (Max) at TA = 25°C
TTL-Compatible Inputs: V
IL = 0.8 V; VIH = 2.0 V, VCC = 5 V
CMOS-Compatible Outputs: V
OH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 104; Equivalent Gates = 26
Figure 1. Pinout (Top View)
IN A
OUT Y
1
VCC
NC
IN A
OUT Y
GND
Figure 2. Logic Symbol
1
2
34
5
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
FUNCTION TABLE
L
H
A Input
Y Output
L
H
SC-88A / SOT-353/SC-70
DF SUFFIX
CASE 419A
Pin 1
d = Date Code
VLd
TSOP-5/SOT-23/SC-59
DT SUFFIX
CASE 483
Pin 1
d = Date Code
VLd
MARKING
DIAGRAMS
http://onsemi.com


Similar Part No. - MC74VHC1GT50DTT1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1GT50DTT1 ETL-MC74VHC1GT50DTT1 Datasheet
575Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
MC74VHC1GT50DTT1 LRC-MC74VHC1GT50DTT1 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT50DTT1 ONSEMI-MC74VHC1GT50DTT1 Datasheet
77Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
More results

Similar Description - MC74VHC1GT50DTT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1GT125DF1G ONSEMI-MC74VHC1GT125DF1G Datasheet
138Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
September, 2012 ??Rev. 14
logo
First Silicon Co., Ltd
FC74VHC1G50 FS-FC74VHC1G50 Datasheet
398Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_15 Datasheet
83Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
October, 2015 ??Rev. 16
MC74VHCT50A ONSEMI-MC74VHCT50A_11 Datasheet
132Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 7
MC74VHC1GT126 ONSEMI-MC74VHC1GT126 Datasheet
134Kb / 6P
   Noninverting Buffer CMOS Logic Level Shifter
May, 2012 ??Rev. 15
logo
Leshan Radio Company
L74VHC1G50 LRC-L74VHC1G50 Datasheet
434Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
logo
ON Semiconductor
NL17SHT126 ONSEMI-NL17SHT126 Datasheet
108Kb / 5P
   Noninverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_11 Datasheet
118Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
May, 2011 ??Rev. 14
MC74VHC1GT50DTT1G ONSEMI-MC74VHC1GT50DTT1G Datasheet
128Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
February, 2013 ??Rev. 15
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_12 Datasheet
138Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter
September, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com