Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA7-0002-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA7-0002-5
Description  Low Noise Wideband Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA7-0002-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HFA7-0002-5 Datasheet HTML 1Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 2Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 3Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 4Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 5Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 6Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 7Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 8Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2-611
HFA-0002
Test Circuits
FIGURE 1. LARGE AND SMALL SIGNAL RESPONSE TEST CIRCUIT
LARGE SIGNAL RESPONSE
Input: 0.2V/Div.
Output: 2V/Div.
Horizontal Scale: 20ns/Div.
SMALL SIGNAL RESPONSE
Input: 10mV/Div.
Output: 100mV/Div.
FIGURE 3. SETTLING TIME SCHEMATIC
VOUT
20pF
4.5k
+
500
VIN
50
0.3V
0V
-0.3V
3V
0V
-3V
IN
OUT
10mV
0V
-10mV
100mV
0V
-100mV
IN
OUT
1K
VSETTLE
VOUT
10K
500
5K
+
VIN
•AV = -10
Feedback and summing
resistors must
be
matched (0.1%)
HP5082-2810 clipping diodes recommended
Tektronix P6201 FET probe used at settling point


Similar Part No. - HFA7-0002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA7-0005-5 INTERSIL-HFA7-0005-5 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HFA7-0005-9 INTERSIL-HFA7-0005-9 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results

Similar Description - HFA7-0002-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com