Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA7-0002-5 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HFA7-0002-5
Description  Low Noise Wideband Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA7-0002-5 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HFA7-0002-5 Datasheet HTML 2Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 3Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 4Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 5Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 6Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 7Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 8Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 9Page - Intersil Corporation HFA7-0002-5 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-617
HFA-0002
Applications Information
Offset Voltage Adjustment
The HFA-0002, due to its low offset voltage, will typically not
require any external offset adjustment. If certain applications
do require lower offset, the following diagram shows one
possible configuration.
FIGURE 29.
The power supply lines must be well decoupled to filter any
power supply noise. A 20K trim pot will allow an offset
adjustment of about 3mV, referred to input.
PC Board Layout Guidelines
When designing with the HFA-0002, good high frequency
(RF) techniques should be used when doing pc board
layouts. A massive ground plane should be used to maintain
a low impedance ground. PC board traces should be kept as
short as possible and kept wide to minimize trace inductance
and impedance. Stray capacitance at the op amps output
and at the high impedance inputs should be kept to a
minimum, to prevent any unwanted phase shift and band-
width limiting.
When breadboarding remember to keep feedback resistor
values low (
≤5kΩ) for optimum performance. The use of
metal film resistors for values over 200
Ω and carbon film
resistors under 200
Ω typically gives the best performance.
Remember to keep all lead lengths as short as possible to
minimize lead inductance.
Sockets will add parasitic capacitance and inductance and
therefore can limit AC performance as well as reduce
stability. If sockets must be used, a low profile socket with
minimum pin to pin capacitance will minimize any perfor-
mance degradation.
Power supply decoupling is essential for high frequency op
amps. A 0.01
µF high quality ceramic capacitor at each
supply pin in parallel with a 1
µF tantalum capacitor will pro-
vide excellent decoupling. Chip capacitors produce the best
results due to the ease of placement next to the op amp and
they have negligible lead inductance. If leaded capacitors
are used, again the lead lengths should be kept to a
minimum.
Saturation Recovery
When an op amp is over driven output devices can saturate
and sometime take a long time to recover. By clamping the
input to safe levels, output saturation can be avoided. If
output saturation cannot be avoided, the recovery time for
an input sine wave at 25% overdrive is 100ns.
+5V
+
1
2
3
4
5
6
7
20K
5V
-


Similar Part No. - HFA7-0002-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA7-0005-5 INTERSIL-HFA7-0005-5 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HFA7-0005-9 INTERSIL-HFA7-0005-9 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
More results

Similar Description - HFA7-0002-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6624 TI1-LMH6624 Datasheet
1Mb / 31P
[Old version datasheet]   Ultra Low Noise Wideband Operational Amplifier
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
OPA2822UG4 TI-OPA2822UG4 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA2822 TI-OPA2822 Datasheet
542Kb / 27P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com