Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2555 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI2555
Description  1-Bit, AD/DA Converter For Audio Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2555 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI2555 Datasheet HTML 3Page - Intersil Corporation HI2555 Datasheet HTML 4Page - Intersil Corporation HI2555 Datasheet HTML 5Page - Intersil Corporation HI2555 Datasheet HTML 6Page - Intersil Corporation HI2555 Datasheet HTML 7Page - Intersil Corporation HI2555 Datasheet HTML 8Page - Intersil Corporation HI2555 Datasheet HTML 9Page - Intersil Corporation HI2555 Datasheet HTML 10Page - Intersil Corporation HI2555 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
4-309
FIGURE 39.
10
µF 10µF
100K
AIN
CXD2555Q
RIN
VIN
+
-
TABLE 5.
XSL2
XSL1
XSL0
CRYSTAL OSCILLATOR
FREQUENCY (NOTE 16)
XCLK
UCLK
FREQUENCY DIVISION
RATIO RELATIVE TO
NORMAL fS FREQUENCY
EXAMPLE OF 32kHz
NORMAL FREQUENCY
HL
L
512fS
512fS
256fS
1/2
fS = 16kHz
H
L
H
1024fS
1024fS
512fS
1/4
fS = 8kHz
H
H
L
1024fS
512fS
512fS
1/2
fS = 16kHz
H
H
H
2048fS
1024fS
1024fS
1/4
fS = 8kHz
NOTE:
16. When the normal frequency is assumed to be 32kHz, its derived frequency is 16kHz when divided by 2, or 8kHz when divided by 4. When
divided in the same way, the low-fS frequencies for 44.1kHz are 22.05kHz and 11.025kHz, and for 48kHz, they are 24kHz and 12kHz.


Similar Part No. - HI2555

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2559 INTERSIL-HI2559 Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
HI2559JCQ INTERSIL-HI2559JCQ Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
More results

Similar Description - HI2555

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
   1-Bit AD/DA Converter For Audio Application
logo
Toshiba Semiconductor
TC9287AF TOSHIBA-TC9287AF Datasheet
541Kb / 15P
   2 CHANNEL 1BIT AD/DA CONVERTER FOR AUDIO
2000-03-01
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Intersil Corporation
HI2559 INTERSIL-HI2559 Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
logo
Analog Devices
AD7570 AD-AD7570_15 Datasheet
3Mb / 12P
   10-Bit Monolithic AD Converter
logo
Asahi Kasei Microsystem...
AK5482 AKM-AK5482 Datasheet
73Kb / 13P
   10 BIT 20MHZ AD CONVERTER
logo
List of Unclassifed Man...
AD7819YR-REEL7 ETC2-AD7819YR-REEL7 Datasheet
34Kb / 1P
   8-BIT SAMPLING AD CONVERTER
logo
Analog Devices
AD574AJN AD-AD574AJN Datasheet
781Kb / 12P
   Complete 12-bit AD Converter
REV. B
logo
KODENSHI_AUK CORP.
TPSMD02-1 KODENSHI-TPSMD02-1 Datasheet
233Kb / 2P
   AD converter bit count 10Bit
logo
Toshiba Semiconductor
TC9250F TOSHIBA-TC9250F Datasheet
300Kb / 9P
   16 BIT RESISTER STRINGS DA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com