Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA7-0005-5 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HFA7-0005-5
Description  High Slew Rate Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA7-0005-5 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA7-0005-5 Datasheet HTML 1Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 2Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 3Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 4Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 5Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 6Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 7Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 8Page - Intersil Corporation HFA7-0005-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
HFA-0005
Typical Performance Curves V
S = ±5V, TA = +25
oC, Unless Otherwise Specified
FIGURE 4. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 5. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 6. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 7. CLOSED LOOP GAIN vs FREQUENCY
FIGURE 8. CMRR vs FREQUENCY
FIGURE 9. PSRR vs FREQUENCY
RL = 100Ω
FREQUENCY (Hz)
50
40
30
20
10
0
PHASE
0
45
90
135
180
300K
1M
10M
100M
1G
GAIN
10M
100M
1G
VIN
50
50
VOUT
1M
FREQUENCY (Hz)
20
10
0
-10
-20
30
0
45
90
135
180
100
GAIN
PHASE
AV = +1, RL = 100, RF = 50Ω
VIN = 70.7mVRMS
+
-
10M
100M
1G
1M
FREQUENCY (Hz)
0
45
90
135
180
VIN
50
100
VOUT
100
20
10
0
-10
-20
30
PHASE
GAIN
+
-
100K
1M
10M
100M
FREQUENCY (Hz)
1G
0
45
90
135
180
30
20
10
0
-10
-20
VOUT
100
100
VIN
900
+
-
PHASE
GAIN
AV = +10, RL = 100Ω
100K
1M
10M
100M
FREQUENCY (Hz)
1G
50
40
30
20
10
0
60
70
80
100K
1M
10M
100M
FREQUENCY (Hz)
1G
50
40
30
20
10
0
80
70
60
+PSRR
-PSRR


Similar Part No. - HFA7-0005-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA7-0002-5 INTERSIL-HFA7-0002-5 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA7-0002-9 INTERSIL-HFA7-0002-9 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
More results

Similar Description - HFA7-0005-5

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com