Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI2559 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI2559
Description  1-Bit D/A Converter For Audio Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI2559 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI2559 Datasheet HTML 2Page - Intersil Corporation HI2559 Datasheet HTML 3Page - Intersil Corporation HI2559 Datasheet HTML 4Page - Intersil Corporation HI2559 Datasheet HTML 5Page - Intersil Corporation HI2559 Datasheet HTML 6Page - Intersil Corporation HI2559 Datasheet HTML 7Page - Intersil Corporation HI2559 Datasheet HTML 8Page - Intersil Corporation HI2559 Datasheet HTML 9Page - Intersil Corporation HI2559 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
4-6
The analog characteristics are measured with the following circuit:
Test Circuits
FIGURE 1. ANALOG CHARACTERISTICS
FIGURE 2.
Timing Diagrams
FIGURE 3. TIMING CHART
+
-
+
-
+
-
+
-
OUTPUT
12K
100
22
+
4.7K
4.7K
0.015
4.7K
4.7K
4.7K
4.7K
47P
47P
130K
3.9K
3.9K
3.9K
3.9K
CXD2559Q
AOUT1 (-)
AOUT1 (+)
820P
4.7K
820P
1800P
82P
130K
TEST DISC
CXD2500Q
CXD2559Q
ANALOG
CIRCUIT
AUDIO
ANALYZER
(SHIBASOKU AM51A)
384FS
DATA
LRCK
BCK
DATA
AOUT1
AOUT2
ANALOG
tCYC
tCWH
tCWL
tWIB
tWIB
tIDS
tIDH
50%
tILRH
tILAS
tSET
tHOLD
MSB
tPR
tPR
tPR
tWLT
tINT
LATCH
SHIFT
ATT
PROGRAM INPUT
LRCK
SIN
BCK
AUDIO INPUT
XTLI
EXTERNAL CLOCK INPUT
HI2559, CXD2559


Similar Part No. - HI2559

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
HI2555JCQ INTERSIL-HI2555JCQ Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
More results

Similar Description - HI2559

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6379 NEC-UPD6379 Datasheet
119Kb / 16P
   2-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION
logo
Intersil Corporation
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
   1-Bit AD/DA Converter For Audio Application
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
   1-Bit, AD/DA Converter For Audio Application
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
   1-bit Audio D/A Converter (with Digital Filter)
CXD2552Q SONY-CXD2552Q Datasheet
430Kb / 17P
   1 BIT D/A CONVERTER
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Sanyo Semicon Device
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
   18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com