Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA9P0005-5 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HFA9P0005-5
Description  High Slew Rate Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA9P0005-5 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HFA9P0005-5 Datasheet HTML 2Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 3Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 4Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 5Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 6Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 7Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 8Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 9Page - Intersil Corporation HFA9P0005-5 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HFA-0005
Applications Information
Offset Adjustment
When applications require the offset voltage to be as low as
possible, the figure below shows two possible schemes for
adjusting offset voltage.
FIGURE 28. INVERTING GAIN
For a voltage follower application, use the circuit in Figure 29
without R2 and with RI shorted. R1 should then be 1MΩ to
10M
Ω, so the adjustment resistors will cause only a very
small gain error.
FIGURE 29. NON-INVERTING GAIN
PC Board Layout Guidelines
When designing with the HFA-0005, good high frequency
(RF) techniques should be used when making a PC board. A
massive ground plane should be used to maintain a low
impedance ground. Proper shielding and use of short
interconnection leads are also very important.
To achieve maximum high frequency performance, the use
of low impedance transmission lines with impedance
matching is recommended: 50
Ω lines are common in
communications and 75
Ω lines in video systems. Impedance
matching is important to minimize reflected energy therefore
minimizing
transmitted
signal
distortion.
This
is
accomplished by using a series matching resistor (50
Ω or
75
Ω), matched transmission line (50Ω or 75Ω), and a
matched terminating resistor, as shown in Figure 30. Note
that there will be a 6dB loss from input to output. The
HFA-0005 has an integral 50
Ω ±20% resistor connected to
the op amp’s output with the other end of the resistor pinned
out. This 50
Ω resistor can be used as the series resistor
instead of an external resistor.
50
+
RI
50K
R1
100K
+5V
VOUT
100
R2
-5V
VIN
RF
Adjustment Range
V
R
2
R
1
-----


±
+
50K
+V
-V
R1
100K
100
R2
VOUT
VIN
RF
RI
Adjustment Range
V
R
2
R
1
-----


±
Ga in
1
R
F
R
I
R
2
+
---------------


+
FIGURE 30.
PC board traces can be made to look like a 50
Ω or 75Ω
transmission line, called microstrip. Microstrip is a PC board
trace with a ground plane directly beneath, on the opposite
side of the board, as shown in Figure 31.
FIGURE 31.
When manufacturing pc boards the trace width can be calcu-
lated based on a number of variables.
The following equation is reasonably accurate for calculating
the proper trace width for a 50
Ω transmission line.
Power supply decoupling is essential for high frequency op
amps. A 0.01
µF high quality ceramic capacitor at each
supply pin in parallel with a 1
µF tantalum capacitor will
provide excellent decoupling. Chip capacitors produce the
best results due to ease of placement next to the op amp
and they have negligible lead inductance. If leaded capaci-
tors are used, the leads should be kept as short as possible
to minimize lead inductance. The figures that follow illustrate
two different decoupling schemes. Figure 33 improves the
PSRR because the resistor and capacitors create low pass
filters. Note that the supply current will create a voltage drop
across the resistor.
FIGURE 32.
+
VOUT
VIN
RF
50
50
Ω COAX CABLE
50
SIGNAL
TRACE
GROUND
PLANE
DIELECTRIC
(PC BOARD)
h
w
t
ER
Z
0
87
E
R
1.41
+
------------------------- In
5.98h
0.8 w
t
+
------------------


=
+
V+
1.0
µF
1.0
µF
0.01
µF
0.01
µF
V-


Similar Part No. - HFA9P0005-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA9P0001-5 INTERSIL-HFA9P0001-5 Datasheet
666Kb / 10P
   Ultra High Slew RateOperational Amplifier
HFA9P0002-5 INTERSIL-HFA9P0002-5 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
HFA9P0002-9 INTERSIL-HFA9P0002-9 Datasheet
613Kb / 10P
   Low Noise Wideband Operational Amplifier
More results

Similar Description - HFA9P0005-5

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
logo
Rohm
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
   Dual high slew rate operational amplifier
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
   HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2520883 INTERSIL-HA-2520883 Datasheet
93Kb / 6P
   Uncompensated, High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com