Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-5700 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI-5700
Description  8-Bit, 20 MSPS Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-5700 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI-5700 Datasheet HTML 2Page - Intersil Corporation HI-5700 Datasheet HTML 3Page - Intersil Corporation HI-5700 Datasheet HTML 4Page - Intersil Corporation HI-5700 Datasheet HTML 5Page - Intersil Corporation HI-5700 Datasheet HTML 6Page - Intersil Corporation HI-5700 Datasheet HTML 7Page - Intersil Corporation HI-5700 Datasheet HTML 8Page - Intersil Corporation HI-5700 Datasheet HTML 9Page - Intersil Corporation HI-5700 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4-1496
HI-5700
Typical Performance Curves
FIGURE 3. EFFECTIVE NUMBER OF BITS vs fIN
FIGURE 4. EFFECTIVE NUMBER OF BITS vs TEMPERATURE
FIGURE 5. SNR vs TEMPERATURE
FIGURE 6. TOTAL HARMONIC DISTORTION vs TEMPERATURE
FIGURE 7. INL vs TEMPERATURE
FIGURE 8. DNL vs TEMPERATURE
8
7
6
5
4
00.5
1
2
3
4
5
1.5
2.5
3.5
4.5
INPUT FREQUENCY - fIN (MHz)
VDD = 5V, VREF+ = 4V
TA = 25oC
FS = 15MHz
FS = 20MHz
TEMPERATURE (oC)
8
7
6
5
4
-60
-40
-20
0
+20
+40
+60 +80 +100 +120 +140
VDD = 5V, VREF+ = 4V
FS = 15MHz, fIN = 100kHz
FS = 20MHz, fIN = 100kHz
FS = 20MHz, fIN = 3.85MHz
FS = 15MHz, fIN = 3.85MHz
TEMPERATURE (oC)
50
48
46
44
42
40
38
36
34
32
30
28
26
-60
-40
-20
0
+20
+40 +60
+80 +100 +120 +140
VDD = 5V, VREF+ = 4V
A. FS = 15MHz, fIN = 100kHz
B. FS = 15MHz, fIN = 4.43MHz
C. FS = 20MHz, fIN = 100kHz
D. FS = 20MHz, fIN = 4.43MHz
A.
B.
C.
D.
TEMPERATURE (oC)
-30
-32
-34
-36
-38
-40
-42
-44
-46
-48
-50
-60
-40
-20
0
+20 +40
+60
+80 +100 +120 +140
VDD = 5V, VREF+ = 4V
A. FS = 15MHz, fIN = 100kHz
B. FS = 15MHz, fIN = 4.43MHz
C. FS = 20MHz, fIN = 100kHz
D. FS = 20MHz, fIN = 4.43MHz
B.
D.
C.
A.
TEMPERATURE (oC)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-60
-40
-20
0
+20 +40
+60 +80 +100 +120 +140
VDD = 5V, VREF+ = 4V
fIN = 100kHz
FS = 20MHz
FS = 15MHz
TEMPERATURE (oC)
VDD = 5V, VREF+ = 4V
fIN = 100kHz
FS = 20MHz
FS = 15MHz
1.0
0.75
0.5
0.25
0
-60
-40
-20
0
+20 +40 +60 +80 +100 +120 +140


Similar Part No. - HI-5700

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-5700/883 INTERSIL-HI-5700/883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
More results

Similar Description - HI-5700

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com