Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-7151K-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HI3-7151K-5
Description  10-Bit, High Speed, A/D Converter with Track and Hold
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-7151K-5 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HI3-7151K-5 Datasheet HTML 3Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 4Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 5Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 6Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 7Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 8Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 9Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 10Page - Intersil Corporation HI3-7151K-5 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Timing Diagrams
FIGURE 1A. SLOW MEMORY MODE (16-BIT DATA BUS)
CLOCK
HOLD
INTERNAL
BUSY
D0-D9, OVR
DATA
DATA
SMODE = +V, BUS = V+, HBE = V+ OR DG
0
1
23
4
5
67
HOLD N
TRACK N
TRACK N+1
N DATA
N DATA
RD
WR
CS
tCK
tCKHR
tWRL
tHOLD
tWRD
tBUSY
tBD
tCONV
HI-7151


Similar Part No. - HI3-7151K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7152A-9 INTERSIL-HI3-7152A-9 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152B-9 INTERSIL-HI3-7152B-9 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152J-5 INTERSIL-HI3-7152J-5 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7152K-5 INTERSIL-HI3-7152K-5 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results

Similar Description - HI3-7151K-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com