Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-7152J-5 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI3-7152J-5
Description  10-Bit High Speed A/D Converter with Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-7152J-5 Datasheet(HTML) 4 Page - Intersil Corporation

  HI3-7152J-5 Datasheet HTML 1Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 2Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 3Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 4Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 5Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 6Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 7Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 8Page - Intersil Corporation HI3-7152J-5 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
6-4
Absolute Maximum Ratings (Note 1)
Thermal Information
Supply Voltage
V+ to Gnd (DG/AG/GND) . . . . . . . . . . . . . . . . -0.3V < V+ < +5.7V
V- to Gnd (DG/AG/GND). . . . . . . . . . . . . . . . . .-5.7V < V- < +0.3V
Analog Input Pins . . . . . . . . . . . . . . . . . V- -0.3V < VINA < V+ +0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . .DG - 0.3V < VI/O < V+ +0.3V
Power Dissipation (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . <500mW
Derate above 75oC at -10mW/C
Operating Conditions
Temperature Range
HI3-7152X-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 75oC
HI3-7152X-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
TBD
N/A
CERDIP Package . . . . . . . . . . . . . . . .
TBD
TBD
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltage provided the inputs current is limited to
±1mA.
2. Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
Accuracy Electrical Specifications V+ = +5V, V- = -5V, VREF = 2.50V, fCLK = 600kHz, 50% Duty Cycle,
Unless Otherwise Specified (Note 4)
PARAMETER
SYMBOL
(NOTE 3)
TEMP. (oC)
J, A GRADE
K, B GRADE
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Resolution (Note 5) (With
no missing codes)
RES
TA = 25oC
10-
-
10-
-
Bits
TMIN to TMAX
10
-
-
10
-
-
Bits
Integral Linearity Error
ILE
TA = 25oC-
±0.5
±1.0
-
±0.3
±0.5
LSB
TMIN to TMAX
-
±0.75
±1.0
-
±0.5
±0.75
LSB
Differential Linearity Error
DLE
TA = 25oC-
-
±1.0
-
-
±0.5
LSB
TMIN to TMAX
--
±1.0
-
-
±0.75
LSB
Bipolar Offset Error
VOS
TA = 25oC-
±1.0
±2.5
-
±0.6
±1.5
LSB
TMIN to TMAX
-
±1.5
±3.0
-
±1.0
±2.0
LSB
Unadjusted Gain Error
eG+ and
eG-
TA = 25oC-
±1.0
±2.5
-
±0.6
±1.5
LSB
TMIN to TMAX
-
±1.5
±3.0
-
±1.0
±2.0
LSB
NOTES:
3. See Ordering Information Table.
4. FSR (Full Scale Range) = 2 X VREF (5V at VREF = 2.5V). LSB (Least Significant Bit) = FSR/1024 (4.88mV at VREF = 2.5V).
DC Electrical Specifications V+ = 5V, V- = -5V, VREF = 2.50V, TA = 25oC, fCLK = 600kHz, 50% Duty Cycle,
Unless Otherwise Specified
PARAMETER
SYMBOL
(NOTE 5)
TEST CONDITION
25oC0oC to 75oC-40oC to 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
ANALOG INPUT
Analog Input Range
VIR
VIN = 0V
-VREF
-VREF -VREF VREF -VREF
VREF
V
Analog INput Bias Current
IBI
-
0.01
100
-
100
-
100
nA
Analog Input Capacitance
(Note 6)
CVIN
-8
20
-
-
-
-
pF
REFERENCE INPUT
Reference Input Range
(Note 7)
VRR
VREF = 2.50V
2.2
2.5
2.6
2.2
2.6
2.2
2.6
V
Reference Input Bias Current
IBR
-
0.01
100
-
100
-
100
nA
Reference Input Capacitance
(Note 6)
CVR
-7
20
-
-
-
-
pF
HI-7152


Similar Part No. - HI3-7152J-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7151A-9 INTERSIL-HI3-7151A-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151B-9 INTERSIL-HI3-7151B-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151J-5 INTERSIL-HI3-7151J-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151K-5 INTERSIL-HI3-7151K-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results

Similar Description - HI3-7152J-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com