Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI9P5700A-9 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HI9P5700A-9
Description  8-Bit, 20 MSPS Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI9P5700A-9 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HI9P5700A-9 Datasheet HTML 4Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 5Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 6Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 7Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 8Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 9Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 10Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 11Page - Intersil Corporation HI9P5700A-9 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
4-1498
HI-5700
output word, plus an additional comparator to detect an
overflow condition.
The CMOS HI-5700 works by alternately switching between
a “Sample” mode and an “Auto Balance” mode. Splitting up
the comparison process in this CMOS technique offers a
number of significant advantages. The offset voltage of each
CMOS comparator is dynamically canceled with each
conversion cycle such that offset voltage drift is virtually
eliminated during operation. The block diagram and timing
diagram illustrate how the HI-5700 CMOS flash converter
operates.
The input clock which controls the operation of the HI-5700
is first split into a non-inverting
φ1 clock and an inverting φ2
clock. These two clocks, in turn, synchronize all internal
timing of analog switches and control logic within the
converter.
In the “Auto Balance” mode (
φ1), all φ1 switches close and
φ2 switches open. The output of each comparator is
momentarily tied to its own input, self-biasing the comparator
midway between GND and VDD and presenting a low
impedance to a small input capacitor. Each capacitor, in
turn, is connected to a reference voltage tap from the
resistor ladder. The Auto Balance mode quickly precharges
all 256 input capacitors between the self-bias voltage and
each respective tap voltage.
In the “Sample” mode (
φ2), all φ1 switches open and φ2
switches close. This places each comparator in a sensitive
high gain amplifier configuration. In this open loop state, the
input impedance is very high and any small voltage shift at
the input will drive the output either high or low. The
φ2 state
also switches each input capacitor from its reference tap to
the input signal. This instantly transfers any voltage
difference between the reference tap and input voltage to
the comparator input. All 256 comparators are thus driven
simultaneously to a defined logic state. For example, if the
input voltage is at mid-scale, capacitors precharged near
zero during
φ1 will push comparator inputs higher than the
self bias voltage at
φ2; capacitors precharged near the
reference voltage push the respective comparator inputs
lower than the bias point. In general, all capacitors
precharged by taps above the input voltage force a “low”
voltage at comparator inputs; those precharged below the
input voltage force “high” inputs at the comparators.
During the next
φ1 Auto-Balancing state, comparator output
data is latched into the encoder logic block and the first
stage of encoding takes place. The following
φ2 state
completes the encoding process. The 8 data bits (plus
overflow bit) are latched into the output flip-flops at the next
falling clock edge. The Overflow bit is set if the input voltage
exceeds VREF+ - 0.5 LSB. The output bus may be either
enabled or disabled according to the state of CE1 and CE2
(See Table 2). When disabled, output bits assume a high
impedance state.
As shown in the timing diagram, the digital output word
becomes valid after the second
φ1 state. There is thus a one
and a half cycle pipeline delay between input sample and
digital output. “Data Output Delay” time indicates the slight
time delay for data to become valid at the end of the
φ1
Theory of Operation
The HI-5700 is an 8-bit analog-to-digital converter based on
a parallel CMOS “flash” architecture. This flash technique is
an extremely fast method of A/D conversion because all bit
decisions are made simultaneously. In all, 256 comparators
are used in the HI-5700: (28-1) comparators to encode the
TABLE 1. PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
CLK
Clock Input
2
D7
Bit 7, Output (MSB)
3
D6
Bit 6, Output
4
D5
Bit 5, Output
5
D4
Bit 4, Output
6
1/4R
1/4th Point of Reference Ladder
7VDD
Digital Power Supply
8
GND
Digital Ground
9
3/4R
3/4th Point of Reference Ladder
10
D3
Bit 3, Output
11
D2
Bit 2, Output
12
D1
Bit 1, Output
13
D0
Bit 0, Output (LSB)
14
OVF
Overflow, Output
15
CE2
Three-State Output Enable Input, Active High.
(See Table 2)
16
CE1
Three-State Output Enable Input, Active Low.
(See Table 2)
17
VREF+
Reference Voltage Positive Input
18
AVDD
Analog Power Supply, +5V
19
AGND
Analog Ground
20
AGND
Analog Ground
21
AVDD
Analog Power Supply, +5V
22
1/2R
1/2 Point of Reference Ladder
23
AVDD
Analog Power Supply, +5V
24
AGND
Analog Ground
25
AGND
Analog Ground
26
AVDD
Analog Power Supply, +5V
27
VREF-
Reference Voltage Negative Input
28
VIN
Analog Input
TABLE 2. CHIP ENABLE TRUTH TABLE
CE1
CE2
D0
- D7
OVF
0
1
Valid
Valid
1
1
Three-State
Valid
X
0
Three-State
Three-State
X’s = Don’t Care.


Similar Part No. - HI9P5700A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P5701-5 INTERSIL-HI9P5701-5 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI9P5701B-9 INTERSIL-HI9P5701B-9 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI9P5701K-5 INTERSIL-HI9P5701K-5 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI9P5701K-5 INTERSIL-HI9P5701K-5 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI9P5701K-5 INTERSIL-HI9P5701K-5 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results

Similar Description - HI9P5700A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1175 INTERSIL-HI1175_05 Datasheet
280Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
logo
National Semiconductor ...
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com