Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-7152A-9 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI3-7152A-9
Description  10-Bit High Speed A/D Converter with Track and Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-7152A-9 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI3-7152A-9 Datasheet HTML 2Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 3Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 4Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 5Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 6Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 7Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 8Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 9Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6-6
AC Electrical Specifications V+ = 5V ±10%, V- = -5V ±10%, VREF = 2.5V, TA = 25oC, fCLK = 600kHz, 50% Duty Cycle,
CL = 100pF (including stray for D0 - D9, OVR, HOLD, BUSY), Unless Otherwise Specified (Note 12)
PARAMETER
SYMBOL
NOTES
25oC0oC to 75oC-40oC to 85oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Continuous Conversion Time
tSPS
10
-
-
3tck
-
3tck
-
3tck
µs
10
60
-
5
60
5
60
10
µs
Slow Memory Mode Conversion
Time
tCONV
6, 9
-
-
4tck
+0.9
-4tck
+0.9
-4tck
+0.9
µs
Continuous Throughput
tCYC
10
-
-
fCLK/3
-
fCLK/3
-
fCLK/3
sps
CLOCK Period
tCK
--
1/fCLK
--
--
-
Clock Input Duty Cycle
D
6
4550
55455545
55
%
CLOCK to HOLD Rise Delay
tCKHR
6
150
290
500
140
525
120
525
ns
WR Pulse Width
tWRL
6, 9, 11
200
113
tck/2
225
tck/2
225
tck/2
ns
WR to HOLD Delay
tHOLD
6, 9
-
80
170
-
200
-
200
ns
Busy to Data
tBD
6, 9
-
40
200
-
230
-
230
ns
WR to RD Active
tWRD
6, 9
100
-
-
100
-
100
-
ns
CLOCK to HOLD Fall Delay
tCKHF
6, 10
50
125
250
40
275
25
275
ns
HOLD to DATA Change
tDATA
6, 10
100
200
400
90
550
70
550
ns
RD LO to Active
tRD
6, 14
-
75
150
-
190
-
190
ns
RD HI to Inactive
tRX
6, 15
-
25
60
-
80
-
80
ns
HBE to DATA
tAD
6
-
70
150
-
165
-
165
ns
CS to DATA
tCD
6
-
95
180
-
210
-
210
ns
RD to BUSY
tBUSY
6
-
35
200
-
200
-
200
ns
Rise Time
tr
6, 13
-
50
100
-
125
-
125
ns
Fall Time
tf
6, 13
-
45
100
-
120
-
120
ns
NOTES:
9. Slow memory mode timing.
10. Fast memory or DMA mode of operation, except the first conversion which is equal to tCONV.
11. Maximum specification to prevent multiple triggering with WR.
12. All input drive signals are specified with tr = tf ≤ 20ns and shall swing from VIL -0.4V to VIH +0.4V for all timing specifications. A signal is
considered to change state as it crosses a 1.4V threshold (except tRD and tRX).
13. tr and tf load is CL = 100pF (including stray capacitance) to DG and is measured from the 10 - 90% point.
14. tRD is the time required for the data output level to change by 10% in response to RD crossing a voltage level of 1.4V. High-Z to VOH is
measured with RL = 2.5kΩ and CL = 100pF (including stray) to DG. High-Z to VOL is measured with RL = 2.5kΩ to V+ and CL = 100pF
(including stray) to DG.
15. tRX is the time required for the data output level to change by 10% in response to RD crossing a voltage level of 1.4V. VOH to High-Z is
measured with RL = 2.5kΩ and CL = 10pF (including stray) to DG. VOL to High-Z is measured with RL = 2.5kΩ to V+ and CL = 10pF
(including stray) to DG.
HI-7152


Similar Part No. - HI3-7152A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7151A-9 INTERSIL-HI3-7151A-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151B-9 INTERSIL-HI3-7151B-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151J-5 INTERSIL-HI3-7151J-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151K-5 INTERSIL-HI3-7151K-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results

Similar Description - HI3-7152A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com